Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 210 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 210 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 206Page - Microchip Technology PIC16F690IP Datasheet HTML 207Page - Microchip Technology PIC16F690IP Datasheet HTML 208Page - Microchip Technology PIC16F690IP Datasheet HTML 209Page - Microchip Technology PIC16F690IP Datasheet HTML 210Page - Microchip Technology PIC16F690IP Datasheet HTML 211Page - Microchip Technology PIC16F690IP Datasheet HTML 212Page - Microchip Technology PIC16F690IP Datasheet HTML 213Page - Microchip Technology PIC16F690IP Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 208
© 2008 Microchip Technology Inc.
14.3
Interrupts
The PIC16F631/677/685/687/689/690 have multiple
sources of interrupt:
• External Interrupt RA2/INT
• TMR0 Overflow Interrupt
• PORTA/PORTB Change Interrupts
• 2 Comparator Interrupts
• A/D Interrupt (except PIC16F631)
• Timer1 Overflow Interrupt
• Timer2 Match Interrupt (PIC16F685/PIC16F690
only)
• EEPROM Data Write Interrupt
• Fail-Safe Clock Monitor Interrupt
• Enhanced CCP Interrupt (PIC16F685/PIC16F690
only)
• EUSART Receive and Transmit interrupts
(PIC16F687/PIC16F689/PIC16F690 only)
The Interrupt Control register (INTCON) and Peripheral
Interrupt Request Register 1 (PIR1) record individual
interrupt requests in flag bits. The INTCON register
also has individual and global interrupt enable bits.
A Global Interrupt Enable bit, GIE (INTCON<7>),
enables (if set) all unmasked interrupts, or disables (if
cleared) all interrupts. Individual interrupts can be
disabled through their corresponding enable bits in the
INTCON, PIE1 and PIE2 registers, respectively. GIE is
cleared on Reset.
The Return from Interrupt instruction, RETFIE, exits
the interrupt routine, as well as sets the GIE bit, which
re-enables unmasked interrupts.
The following interrupt flags are contained in the
INTCON register:
• INT Pin Interrupt
• PORTA/PORTB Change Interrupts
• TMR0 Overflow Interrupt
The peripheral interrupt flags are contained in the PIR1
and PIR2 registers. The corresponding interrupt enable
bits are contained in PIE1 and PIE2 registers.
The following interrupt flags are contained in the PIR1
register:
• A/D Interrupt
• EUSART Receive and Transmit Interrupts
• Timer1 Overflow Interrupt
• Synchronous Serial Port (SSP) Interrupt
• Enhanced CCP1 Interrupt
• Timer1 Overflow Interrupt
• Timer2 Match Interrupt
The following interrupt flags are contained in the PIR2
register:
• Fail-Safe Clock Monitor Interrupt
• 2 Comparator Interrupts
• EEPROM Data Write Interrupt
When an interrupt is serviced:
• The GIE is cleared to disable any further interrupt.
• The return address is pushed onto the stack.
• The PC is loaded with 0004h.
For external interrupt events, such as the INT pin,
PORTA/PORTB change interrupts, the interrupt
latency will be three or four instruction cycles. The
exact latency depends upon when the interrupt event
occurs (see Figure 14-8). The latency is the same for
one or two-cycle instructions. Once in the Interrupt
Service Routine, the source(s) of the interrupt can be
determined by polling the interrupt flag bits. The
interrupt flag bit(s) must be cleared in software before
re-enabling interrupts to avoid multiple interrupt
requests.
For additional information on Timer1, Timer2,
comparators, A/D, data EEPROM, EUSART, SSP or
Enhanced CCP modules, refer to the respective
peripheral section.
14.3.1
RA2/INT INTERRUPT
External interrupt on RA2/INT pin is edge-triggered;
either rising if the INTEDG bit (OPTION_REG<6>) is
set, or falling, if the INTEDG bit is clear. When a valid
edge appears on the RA2/INT pin, the INTF bit
(INTCON<1>) is set. This interrupt can be disabled by
clearing the INTE control bit (INTCON<4>). The INTF
bit must be cleared in software in the Interrupt Service
Routine before re-enabling this interrupt. The RA2/INT
interrupt can wake-up the processor from Sleep, if the
INTE bit was set prior to going into Sleep. The status of
the GIE bit decides whether or not the processor
branches to the interrupt vector following wake-up
(0004h). See Section 14.6 “Power-Down Mode
(Sleep)” for details on Sleep and Figure 14-10 for
timing of wake-up from Sleep through RA2/INT
interrupt.
Note 1: Individual interrupt flag bits are set,
regardless
of
the
status
of
their
corresponding mask bit or the GIE bit.
2: When an instruction that clears the GIE
bit is executed, any interrupts that were
pending for execution in the next cycle
are ignored. The interrupts, which were
ignored, are still pending to be serviced
when the GIE bit is set again.
Note:
The ANSEL and CM2CON0 registers
must be initialized to configure an analog
channel as a digital input. Pins configured
as analog inputs will read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com