Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 33Page - Microchip Technology PIC16F690IP Datasheet HTML 34Page - Microchip Technology PIC16F690IP Datasheet HTML 35Page - Microchip Technology PIC16F690IP Datasheet HTML 36Page - Microchip Technology PIC16F690IP Datasheet HTML 37Page - Microchip Technology PIC16F690IP Datasheet HTML 38Page - Microchip Technology PIC16F690IP Datasheet HTML 39Page - Microchip Technology PIC16F690IP Datasheet HTML 40Page - Microchip Technology PIC16F690IP Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 35
PIC16F631/677/685/687/689/690
TABLE 2-4:
PIC16F631/677/685/687/689/690 SPECIAL FUNCTION REGISTERS SUMMARY BANK 3
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 3
180h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx
44,205
181h
OPTION_REG
RABPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
37,205
182h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
44,205
183h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
36,205
184h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
44,205
185h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
59,205
186h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
1111 ----
70,206
187h
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
76,206
188h
—
Unimplemented
—
—
189h
—
Unimplemented
—
—
18Ah
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
44,205
18Bh
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF(1)
0000 000x
38,205
18Ch
EECON1
EEPGD(2)
—
—
—
WRERR
WREN
WR
RD
x--- x000
121,206
18Dh
EECON2
EEPROM Control Register 2 (not a physical register)
---- ----
119,206
18Eh
—
Unimplemented
—
—
18Fh
—
Unimplemented
—
—
190h
—
Unimplemented
—
—
191h
—
Unimplemented
—
—
192h
—
Unimplemented
—
—
193h
—
Unimplemented
—
—
194h
—
Unimplemented
—
—
195h
—
Unimplemented
—
—
196h
—
Unimplemented
—
—
197h
—
Unimplemented
—
—
198h
—
Unimplemented
—
—
199h
—
Unimplemented
—
—
19Ah
—
Unimplemented
—
—
19Bh
—
Unimplemented
—
—
19Ch
—
Unimplemented
—
—
19Dh
PSTRCON(2)
—
—
—
STRSYNC
STRD
STRC
STRB
STRA
---0 0001
146,206
19Eh
SRCON
SR1
SR0
C1SEN
C2REN
PULSS
PULSR
—
—
0000 00--
103,206
19Fh
—
Unimplemented
—
—
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
MCLR and WDT Reset does not affect the previous value data latch. The RABIF bit will be cleared upon Reset but will set again if the
mismatch exists.
2:
PIC16F685/PIC16F690 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com