Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 81Page - Microchip Technology PIC16F690IP Datasheet HTML 82Page - Microchip Technology PIC16F690IP Datasheet HTML 83Page - Microchip Technology PIC16F690IP Datasheet HTML 84Page - Microchip Technology PIC16F690IP Datasheet HTML 85Page - Microchip Technology PIC16F690IP Datasheet HTML 86Page - Microchip Technology PIC16F690IP Datasheet HTML 87Page - Microchip Technology PIC16F690IP Datasheet HTML 88Page - Microchip Technology PIC16F690IP Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 83
PIC16F631/677/685/687/689/690
TABLE 5-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER0
REGISTER 5-1:
OPTION_REG: OPTION REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
RABPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
RABPU: PORTA/PORTB Pull-up Enable bit
1
= Pull-ups on PORTA/PORTB are disabled
0
= Pull-ups on PORTA/PORTB are disabled by individual WPUAx control bits
bit 6
INTEDG: Interrupt Edge Select bit
1
= Interrupt on rising edge of INT pin
0
= Interrupt on falling edge of INT pin
bit 5
T0CS: TMR0 Clock Source Select bit
1
= Transition on T0CKI pin
0
= Internal instruction cycle clock (FOSC/4)
bit 4
T0SE: TMR0 Source Edge Select bit
1
= Increment on high-to-low transition on T0CKI pin
0
= Increment on low-to-high transition on T0CKI pin
bit 3
PSA: Prescaler Assignment bit
1
= Prescaler is assigned to the WDT
0
= Prescaler is assigned to the Timer0 module
bit 2-0
PS<2:0>: Prescaler Rate Select bits
Note 1:
A dedicated 16-bit WDT postscaler is available. See Section 14.5 “Watchdog Timer (WDT)” for more
information.
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
BIT VALUE
TMR0 RATE
WDT RATE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF 0000 0000 0000 0000
OPTION_REG RABPU INTEDG T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111 1111 1111
TMR0
Timer0 Module Register
xxxx xxxx uuuu uuuu
TRISA
—
—
TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 --11 1111 --11 1111
Legend: – = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the
Timer0 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com