Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 51Page - Microchip Technology PIC16F690IP Datasheet HTML 52Page - Microchip Technology PIC16F690IP Datasheet HTML 53Page - Microchip Technology PIC16F690IP Datasheet HTML 54Page - Microchip Technology PIC16F690IP Datasheet HTML 55Page - Microchip Technology PIC16F690IP Datasheet HTML 56Page - Microchip Technology PIC16F690IP Datasheet HTML 57Page - Microchip Technology PIC16F690IP Datasheet HTML 58Page - Microchip Technology PIC16F690IP Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 53
PIC16F631/677/685/687/689/690
3.5.3
LFINTOSC
The Low-Frequency Internal Oscillator (LFINTOSC) is
an uncalibrated 31 kHz internal clock source.
The output of the LFINTOSC connects to a postscaler
and multiplexer (see Figure 3-1). Select 31 kHz, via
software, using the IRCF<2:0> bits of the OSCCON
register. See Section 3.5.4 “Frequency Select Bits
(IRCF)” for more information. The LFINTOSC is also the
frequency for the Power-up Timer (PWRT), Watchdog
Timer (WDT) and Fail-Safe Clock Monitor (FSCM).
The LFINTOSC is enabled by selecting 31 kHz
(IRCF<2:0> bits of the OSCCON register = 000) as the
system clock source (SCS bit of the OSCCON
register = 1), or when any of the following are enabled:
• Two-Speed Start-up IESO bit of the Configuration
Word register = 1 and IRCF<2:0> bits of the
OSCCON register = 000
• Power-up Timer (PWRT)
• Watchdog Timer (WDT)
• Fail-Safe Clock Monitor (FSCM)
The LF Internal Oscillator (LTS) bit of the OSCCON
register indicates whether the LFINTOSC is stable or
not.
3.5.4
FREQUENCY SELECT BITS (IRCF)
The output of the 8 MHz HFINTOSC and 31 kHz
LFINTOSC connects to a postscaler and multiplexer
(see Figure 3-1). The Internal Oscillator Frequency
Select bits IRCF<2:0> of the OSCCON register select
the frequency output of the internal oscillators. One of
eight frequencies can be selected via software:
•8 MHz
• 4 MHz (Default after Reset)
•2 MHz
•1 MHz
• 500 kHz
• 250 kHz
• 125 kHz
• 31 kHz (LFINTOSC)
3.5.5
HFINTOSC AND LFINTOSC CLOCK
SWITCH TIMING
When switching between the LFINTOSC and the
HFINTOSC, the new oscillator may already be shut
down to save power (see Figure 3-6). If this is the case,
there is a delay after the IRCF<2:0> bits of the
OSCCON register are modified before the frequency
selection takes place. The LTS and HTS bits of the
OSCCON register will reflect the current active status
of the LFINTOSC and HFINTOSC oscillators. The
timing of a frequency selection is as follows:
1.
IRCF<2:0> bits of the OSCCON register are
modified.
2.
If the new clock is shut down, a clock start-up
delay is started.
3.
Clock switch circuitry waits for a falling edge of
the current clock.
4.
CLKOUT is held low and the clock switch
circuitry waits for a rising edge in the new clock.
5.
CLKOUT is now connected with the new clock.
LTS and HTS bits of the OSCCON register are
updated as required.
6.
Clock switch is complete.
See Figure 3-1 for more details.
If the internal oscillator speed selected is between
8 MHz and 125 kHz, there is no start-up delay before
the new frequency is selected. This is because the old
and new frequencies are derived from the HFINTOSC
via the postscaler and multiplexer.
Start-up delay specifications are located in the
oscillator
tables
of
Section 17.0
“Electrical
Specifications”.
Note:
Following any Reset, the IRCF<2:0> bits of
the OSCCON register are set to ‘110’ and
the frequency selection is set to 4 MHz.
The user can modify the IRCF bits to
select a different frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com