Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 28 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 28 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 24Page - Microchip Technology PIC16F690IP Datasheet HTML 25Page - Microchip Technology PIC16F690IP Datasheet HTML 26Page - Microchip Technology PIC16F690IP Datasheet HTML 27Page - Microchip Technology PIC16F690IP Datasheet HTML 28Page - Microchip Technology PIC16F690IP Datasheet HTML 29Page - Microchip Technology PIC16F690IP Datasheet HTML 30Page - Microchip Technology PIC16F690IP Datasheet HTML 31Page - Microchip Technology PIC16F690IP Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 26
© 2008 Microchip Technology Inc.
2.2
Data Memory Organization
The data memory (see Figures 2-6 through 2-8) is
partitioned into four banks which contain the General
Purpose Registers (GPR) and the Special Function
Registers (SFR). The Special Function Registers are
located in the first 32 locations of each bank. The
General Purpose Registers, implemented as static
RAM, are located in the last 96 locations of each Bank.
Register locations F0h-FFh in Bank 1, 170h-17Fh in
Bank 2 and 1F0h-1FFh in Bank 3 point to addresses
70h-7Fh in Bank 0. The actual number of General
Purpose Resisters (GPR) in each Bank depends on the
device. Details are shown in Figures 2-4 through 2-8.
All other RAM is unimplemented and returns ‘0’ when
read. RP<1:0> of the STATUS register are the bank
select bits:
RP1
RP0
00
→ Bank 0 is selected
01
→ Bank 1 is selected
10
→ Bank 2 is selected
11
→ Bank 3 is selected
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file is organized as 128 x 8 in the
PIC16F687
and
256
x
8
in
the
PIC16F685/PIC16F689/PIC16F690. Each register is
accessed, either directly or indirectly, through the File
Select Register (FSR) (see Section 2.4 “Indirect
Addressing, INDF and FSR Registers”).
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling the
desired operation of the device (see Tables 2-1
through 2-4). These registers are static RAM.
The special registers can be classified into two sets:
core and peripheral. The Special Function Registers
associated with the “core” are described in this section.
Registers related to the operation of peripheral features
are described in the section of that peripheral feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com