Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 61Page - Microchip Technology PIC16F690IP Datasheet HTML 62Page - Microchip Technology PIC16F690IP Datasheet HTML 63Page - Microchip Technology PIC16F690IP Datasheet HTML 64Page - Microchip Technology PIC16F690IP Datasheet HTML 65Page - Microchip Technology PIC16F690IP Datasheet HTML 66Page - Microchip Technology PIC16F690IP Datasheet HTML 67Page - Microchip Technology PIC16F690IP Datasheet HTML 68Page - Microchip Technology PIC16F690IP Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 63
PIC16F631/677/685/687/689/690
4.2.4
ULTRA LOW-POWER WAKE-UP
The Ultra Low-Power Wake-up (ULPWU) on RA0 allows
a slow falling voltage to generate an interrupt-on-change
on RA0 without excess current consumption. The mode
is selected by setting the ULPWUE bit of the PCON
register. This enables a small current sink, which can be
used to discharge a capacitor on RA0.
Follow these steps to use this feature:
a)
Charge the capacitor on RA0 by configuring the
RA0 pin to output (= 1).
b)
Configure RA0 as an input.
c)
Enable interrupt-on-change for RA0.
d)
Set the ULPWUE bit of the PCON register to
begin the capacitor discharge.
e)
Execute a SLEEP instruction.
When the voltage on RA0 drops below VIL, an interrupt
will be generated which will cause the device to
wake-up and execute the next instruction. If the GIE bit
of the INTCON register is set, the device will then call
the interrupt vector (0004h). See Section 4.4.2 “Inter-
rupt-on-change”
and
Section 14.3.3
“PORTA/PORTB Interrupt” for more information.
This feature provides a low-power technique for
periodically waking up the device from Sleep. The
time-out is dependent on the discharge time of the RC
circuit on RA0. See Example 4-2 for initializing the
Ultra Low-Power Wake-up module.
A series resistor between RA0 and the external
capacitor provides overcurrent protection for the
RA0/AN0/C1IN+/ICSPDAT/ULPWU pin and can allow
for software calibration of the time-out (see Figure 4-1).
A timer can be used to measure the charge time and
discharge time of the capacitor. The charge time can
then be adjusted to provide the desired interrupt delay.
This technique will compensate for the affects of
temperature, voltage and component accuracy. The
Ultra Low-Power Wake-up peripheral can also be
configured as a simple Programmable Low-Voltage
Detect or temperature sensor.
EXAMPLE 4-2:
ULTRA LOW-POWER
WAKE-UP INITIALIZATION
Note:
For more information, refer to Application
Note AN879, “Using the Microchip Ultra
Low-Power Wake-up Module” (DS00879).
BCF
STATUS,RP0
;Bank 0
BCF
STATUS,RP1
;
BSF
PORTA,0
;Set RA0 data latch
BSF
STATUS,RP1
;Bank 2
BCF
ANSEL,0
;RA0 to digital I/O
BSF
STATUS,RP0
;Bank 1
BCF
STATUS,RP1
;
BCF
TRISA,0
;Output high to
CALL
CapDelay
;charge capacitor
BSF
PCON,ULPWUE
;Enable ULP Wake-up
BSF
IOCA,0
;Select RA0 IOC
BSF
TRISA,0
;RA0 to input
MOVLW
B’10001000’
;Enable interrupt
MOVWF
INTCON
;and clear flag
BCF
STATUS,RP0
;Bank 0
SLEEP
;Wait for IOC
NOP
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com