Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 31Page - Microchip Technology PIC16F690IP Datasheet HTML 32Page - Microchip Technology PIC16F690IP Datasheet HTML 33Page - Microchip Technology PIC16F690IP Datasheet HTML 34Page - Microchip Technology PIC16F690IP Datasheet HTML 35Page - Microchip Technology PIC16F690IP Datasheet HTML 36Page - Microchip Technology PIC16F690IP Datasheet HTML 37Page - Microchip Technology PIC16F690IP Datasheet HTML 38Page - Microchip Technology PIC16F690IP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 33
PIC16F631/677/685/687/689/690
TABLE 2-2:
PIC16F631/677/685/687/689/690 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Page
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
44,205
81h
OPTION_REG
RABPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
37,205
82h
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
44,205
83h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
36,205
84h
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
44,205
85h
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
--11 1111
59,205
86h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
—
—
—
—
1111 ----
70,206
87h
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
1111 1111
76,205
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
44,205
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RABIE
T0IF
INTF
RABIF(1)
0000 000x
38,205
8Ch
PIE1
—ADIE(4)
RCIE(2)
TXIE(2)
SSPIE(5)
CCP1IE(3) TMR2IE(3)
TMR1IE
-000 0000
39,206
8Dh
PIE2
OSFIE
C2IE
C1IE
EEIE
—
—
—
—
0000 ----
40,206
8Eh
PCON
—
—
ULPWUE SBOREN
—
—POR
BOR
--01 --qq
43,206
8Fh
OSCCON
—
IRCF2
IRCF1
IRCF0
OSTS
HTS
LTS
SCS
-110 q000
48,206
90h
OSCTUNE
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
---0 0000
52,206
91h
—
Unimplemented
—
—
92h
PR2(3)
Timer2 Period Register
1111 1111
91,206
93h
SSPADD(5, 7)
Synchronous Serial Port (I2C mode) Address Register
0000 0000
188,206
93h
SSPMSK(5, 7)
MSK7
MSK6
MSK5
MSK4
MSK3
MSK2
MSK1
MSK0
1111 1111
191,206
94h
SSPSTAT(5)
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
180,206
95h
WPUA(6)
—
—WPUA5
WPUA4
—
WPUA2
WPUA1
WPUA0
--11 -111
62,206
96h
IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000
62,206
97h
WDTCON
—
—
—
WDTPS3
WDTPS2
WDTPS1
WDTPS0
SWDTEN
---0 1000
213,206
98h
TXSTA(2)
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
160,206
99h
SPBRG(2)
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
0000 0000
163,206
9Ah
SPBRGH(2)
BRG15
BRG14
BRG13
BRG12
BRG11
BRG10
BRG9
BRG8
0000 0000
163,206
9Bh
BAUDCTL(2)
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
01-0 0-00
162,206
9Ch
—
Unimplemented
—
—
9Dh
—
Unimplemented
—
—
9Eh
ADRESL(4)
A/D Result Register Low Byte
xxxx xxxx
115,206
9Fh
ADCON1(4)
—
ADCS2
ADCS1
ADCS0
—
—
—
—
-000 ----
114,206
Legend:
– = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
MCLR and WDT Reset do not affect the previous value data latch. The RABIF bit will be cleared upon Reset but will set again if the
mismatch exists.
2:
PIC16F687/PIC16F689/PIC16F690 only.
3:
PIC16F685/PIC16F690 only.
4:
PIC16F677/PIC16F685/PIC16F687/PIC16F689/PIC16F690 only.
5:
PIC16F677/PIC16F687/PIC16F689/PIC16F690 only.
6:
RA3 pull-up is enabled when pin is configured as MCLR in Configuration Word.
7:
Accessible only when SSPCON register bits SSPM<3:0> = 1001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com