Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 74Page - Microchip Technology PIC16F690IP Datasheet HTML 75Page - Microchip Technology PIC16F690IP Datasheet HTML 76Page - Microchip Technology PIC16F690IP Datasheet HTML 77Page - Microchip Technology PIC16F690IP Datasheet HTML 78Page - Microchip Technology PIC16F690IP Datasheet HTML 79Page - Microchip Technology PIC16F690IP Datasheet HTML 80Page - Microchip Technology PIC16F690IP Datasheet HTML 81Page - Microchip Technology PIC16F690IP Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 76
© 2008 Microchip Technology Inc.
4.5
PORTC and TRISC Registers
PORTC is a 8-bit wide, bidirectional port. The
corresponding data direction register is TRISC (Register
4-10). Setting a TRISC bit (= 1) will make the
corresponding PORTC pin an input (i.e., put the
corresponding output driver in a High-Impedance mode).
Clearing a TRISC bit (= 0) will make the corresponding
PORTC pin an output (i.e., enable the output driver and
put the contents of the output latch on the selected pin).
Example 4-4 shows how to initialize PORTC. Reading
the PORTC register (Register 4-9) reads the status of the
pins, whereas writing to it will write to the PORT latch. All
write operations are read-modify-write operations.
Therefore, a write to a port implies that the port pins are
read, this value is modified and then written to the PORT
data latch.
The TRISC register controls the PORTC pin output
drivers, even when they are being used as analog inputs.
The user should ensure the bits in the TRISC register are
maintained set when using them as analog inputs. I/O
pins configured as analog input always read ‘0’.
EXAMPLE 4-4:
INITIALIZING PORTC
Note:
The ANSEL and ANSELH registers must
be initialized to configure an analog
channel as a digital input. Pins configured
as analog inputs will read ‘0’.
BCF
STATUS,RP0
;Bank 0
BCF
STATUS,RP1
;
CLRF
PORTC
;Init PORTC
BSF
STATUS,RP1
;Bank 2
CLRF
ANSEL
;digital I/O
BSF
STATUS,RP0
;Bank 1
BCF
STATUS,RP1
;
MOVLW
0Ch
;Set RC<3:2> as inputs
MOVWF
TRISC
;and set RC<5:4,1:0>
;as outputs
BCF
STATUS,RP0
;Bank 0
REGISTER 4-11:
PORTC: PORTC REGISTER
R/W-0
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
RC<7:0>: PORTC General Purpose I/O Pin bit
1
= Port pin is > VIH
0
= Port pin is < VIL
REGISTER 4-12:
TRISC: PORTC TRI-STATE REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R-1
R/W-1
R/W-1
R/W-1
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
TRISC<7:0>: PORTC Tri-State Control bit
1
= PORTC pin configured as an input (tri-stated)
0
= PORTC pin configured as an output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com