Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 36Page - Microchip Technology PIC16F690IP Datasheet HTML 37Page - Microchip Technology PIC16F690IP Datasheet HTML 38Page - Microchip Technology PIC16F690IP Datasheet HTML 39Page - Microchip Technology PIC16F690IP Datasheet HTML 40Page - Microchip Technology PIC16F690IP Datasheet HTML 41Page - Microchip Technology PIC16F690IP Datasheet HTML 42Page - Microchip Technology PIC16F690IP Datasheet HTML 43Page - Microchip Technology PIC16F690IP Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 306 page
background image
PIC16F631/677/685/687/689/690
DS41262E-page 38
© 2008 Microchip Technology Inc.
2.2.2.3
INTCON Register
The INTCON register, shown in Register 2-3, is a
readable and writable register, which contains the various
enable and flag bits for TMR0 register overflow, PORTA
change and external RA2/AN2/T0CKI/INT/C1OUT pin
interrupts.
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable bit, GIE of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.
REGISTER 2-3:
INTCON: INTERRUPT CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-x
GIE
PEIE
T0IE
INTE
RABIE(1,3)
T0IF(2)
INTF
RABIF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
GIE: Global Interrupt Enable bit
1
= Enables all unmasked interrupts
0
= Disables all interrupts
bit 6
PEIE: Peripheral Interrupt Enable bit
1
= Enables all unmasked peripheral interrupts
0
= Disables all peripheral interrupts
bit 5
T0IE: Timer0 Overflow Interrupt Enable bit
1
= Enables the Timer0 interrupt
0
= Disables the Timer0 interrupt
bit 4
INTE: RA2/INT External Interrupt Enable bit
1
= Enables the RA2/INT external interrupt
0
= Disables the RA2/INT external interrupt
bit 3
RABIE: PORTA/PORTB Change Interrupt Enable bit(1,3)
1
= Enables the PORTA/PORTB change interrupt
0
= Disables the PORTA/PORTB change interrupt
bit 2
T0IF: Timer0 Overflow Interrupt Flag bit(2)
1
= TMR0 register has overflowed (must be cleared in software)
0
= TMR0 register did not overflow
bit 1
INTF: RA2/INT External Interrupt Flag bit
1
= The RA2/INT external interrupt occurred (must be cleared in software)
0
= The RA2/INT external interrupt did not occur
bit 0
RABIF: PORTA/PORTB Change Interrupt Flag bit
1
= When at least one of the PORTA or PORTB general purpose I/O pins changed state (must be
cleared in software)
0
= None of the PORTA or PORTB general purpose I/O pins have changed state
Note 1:
IOCA or IOCB register must also be enabled.
2:
T0IF bit is set when Timer0 rolls over. Timer0 is unchanged on Reset and should be initialized before
clearing T0IF bit.
3:
Includes ULPWU interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com