Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 79Page - Microchip Technology PIC16F690IP Datasheet HTML 80Page - Microchip Technology PIC16F690IP Datasheet HTML 81Page - Microchip Technology PIC16F690IP Datasheet HTML 82Page - Microchip Technology PIC16F690IP Datasheet HTML 83Page - Microchip Technology PIC16F690IP Datasheet HTML 84Page - Microchip Technology PIC16F690IP Datasheet HTML 85Page - Microchip Technology PIC16F690IP Datasheet HTML 86Page - Microchip Technology PIC16F690IP Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 81
PIC16F631/677/685/687/689/690
5.0
TIMER0 MODULE
The Timer0 module is an 8-bit timer/counter with the
following features:
• 8-bit timer/counter register (TMR0)
• 8-bit prescaler (shared with Watchdog Timer)
• Programmable internal or external clock source
• Programmable external clock edge selection
• Interrupt on overflow
Figure 5-1 is a block diagram of the Timer0 module.
5.1
Timer0 Operation
When used as a timer, the Timer0 module can be used
as either an 8-bit timer or an 8-bit counter.
5.1.1
8-BIT TIMER MODE
When used as a timer, the Timer0 module will
increment every instruction cycle (without prescaler).
Timer mode is selected by clearing the T0CS bit of the
OPTION register to ‘0’.
When TMR0 is written, the increment is inhibited for
two instruction cycles immediately following the write.
5.1.2
8-BIT COUNTER MODE
When used as a counter, the Timer0 module will
increment on every rising or falling edge of the T0CKI
pin. The incrementing edge is determined by the T0SE
bit of the OPTION register. Counter mode is selected by
setting the T0CS bit of the OPTION register to ‘1’.
FIGURE 5-1:
BLOCK DIAGRAM OF THE TIMER0/WDT PRESCALER
Note:
The value written to the TMR0 register can
be adjusted, in order to account for the two
instruction cycle delay when TMR0 is
written.
T0CKI
T0SE
pin
TMR0
Watchdog
Timer
WDT
Time-out
PS<2:0>
WDTE
Data Bus
Set Flag bit T0IF
on Overflow
T0CS
Note 1:
T0SE, T0CS, PSA, PS<2:0> are bits in the OPTION register.
2:
SWDTEN and WDTPS<3:0> are bits in the WDTCON register.
3:
WDTE bit is in the Configuration Word register.
0
1
0
1
0
1
Sync 2
cycles
8
8
8-bit
Prescaler
0
1
FOSC/4
PSA
PSA
PSA
16-bit
Prescaler 16
WDTPS<3:0>
31 kHz
INTOSC
SWDTEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com