Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 59Page - Microchip Technology PIC16F690IP Datasheet HTML 60Page - Microchip Technology PIC16F690IP Datasheet HTML 61Page - Microchip Technology PIC16F690IP Datasheet HTML 62Page - Microchip Technology PIC16F690IP Datasheet HTML 63Page - Microchip Technology PIC16F690IP Datasheet HTML 64Page - Microchip Technology PIC16F690IP Datasheet HTML 65Page - Microchip Technology PIC16F690IP Datasheet HTML 66Page - Microchip Technology PIC16F690IP Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 61
PIC16F631/677/685/687/689/690
REGISTER 4-3:
ANSEL: ANALOG SELECT REGISTER
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
ANS<7:0>: Analog Select bits
Analog select between analog or digital function on pins AN<7:0>, respectively.
1
= Analog input. Pin is assigned as analog input(1).
0
= Digital I/O. Pin is assigned to port or special function.
Note 1:
Setting a pin to an analog input automatically disables the digital input circuitry, weak pull-ups and
interrupt-on-change if available. The corresponding TRIS bit must be set to Input mode in order to allow
external control of the voltage on the pin.
REGISTER 4-4:
ANSELH: ANALOG SELECT HIGH REGISTER(2)
U-0
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
—
ANS11
ANS10
ANS9
ANS8
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
ANS<11:8>: Analog Select bits
Analog select between analog or digital function on pins AN<7:0>, respectively.
1
= Analog input. Pin is assigned as analog input(1).
0
= Digital I/O. Pin is assigned to port or special function.
Note 1:
Setting a pin to an analog input automatically disables the digital input circuitry, weak pull-ups and
interrupt-on-change if available. The corresponding TRIS bit must be set to Input mode in order to allow
external control of the voltage on the pin.
2:
PIC16F677/PIC16F685/PIC16F687/PIC16F689/PIC16F690 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com