Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 101Page - Microchip Technology PIC16F690IP Datasheet HTML 102Page - Microchip Technology PIC16F690IP Datasheet HTML 103Page - Microchip Technology PIC16F690IP Datasheet HTML 104Page - Microchip Technology PIC16F690IP Datasheet HTML 105Page - Microchip Technology PIC16F690IP Datasheet HTML 106Page - Microchip Technology PIC16F690IP Datasheet HTML 107Page - Microchip Technology PIC16F690IP Datasheet HTML 108Page - Microchip Technology PIC16F690IP Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 103
PIC16F631/677/685/687/689/690
REGISTER 8-4:
SRCON: SR LATCH CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/S-0
R/S-0
U-0
U-0
SR1(2)
SR0(2)
C1SEN
C2REN
PULSS
PULSR
—
—
bit 7
bit 0
Legend:
S = Bit is set only
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SR1: SR Latch Configuration bit(2)
1
=
C2OUT pin is the latch Q output
0
=
C2OUT pin is the C2 comparator output
bit 6
SR0: SR Latch Configuration bits(2)
1
=
C1OUT pin is the latch Q output
0
=
C1OUT pin is the Comparator C1 output
bit 5
C1SEN: C1 Set Enable bit
1
= C1 comparator output sets SR latch
0
= C1 comparator output has no effect on SR latch
bit 4
C2REN: C2 Reset Enable bit
1
= C2 comparator output resets SR latch
0
= C2 comparator output has no effect on SR latch
bit 3
PULSS: Pulse the SET Input of the SR Latch bit
1
= Triggers pulse generator to set SR latch. Bit is immediately reset by hardware.
0
= Does not trigger pulse generator
bit 2
PULSR: Pulse the Reset Input of the SR Latch bit
1
= Triggers pulse generator to reset SR latch. Bit is immediately reset by hardware.
0
= Does not trigger pulse generator
bit 1-0
Unimplemented: Read as ‘0’
Note 1:
The CxOUT bit in the CMxCON0 register will always reflect the actual comparator output (not the level on
the pin), regardless of the SR latch operation.
2:
To enable an SR latch output to the pin, the appropriate CxOE and TRIS bits must be properly configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com