Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 123Page - Microchip Technology PIC16F690IP Datasheet HTML 124Page - Microchip Technology PIC16F690IP Datasheet HTML 125Page - Microchip Technology PIC16F690IP Datasheet HTML 126Page - Microchip Technology PIC16F690IP Datasheet HTML 127Page - Microchip Technology PIC16F690IP Datasheet HTML 128Page - Microchip Technology PIC16F690IP Datasheet HTML 129Page - Microchip Technology PIC16F690IP Datasheet HTML 130Page - Microchip Technology PIC16F690IP Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 125
PIC16F631/677/685/687/689/690
10.2
Write Verify
Depending on the application, good programming
practice may dictate that the value written to the data
EEPROM should be verified (see Example 10-4) to the
desired value to be written.
EXAMPLE 10-4:
WRITE VERIFY
10.2.1
USING THE DATA EEPROM
The data EEPROM is a high-endurance, byte
addressable array that has been optimized for the
storage of frequently changing information (e.g.,
program variables or other data that are updated often).
When variables in one section change frequently, while
variables in another section do not change, it is possible
to exceed the total number of write cycles to the
EEPROM (specification D124) without exceeding the
total number of write cycles to a single byte
(specifications D120 and D120A). If this is the case,
then a refresh of the array must be performed. For this
reason, variables that do not change (such as
constants, IDs, calibration, etc.) should be stored in
Flash program memory.
10.3
Protection Against Spurious Write
There are conditions when the user may not want to
write to the data EEPROM memory. To protect against
spurious EEPROM writes, various mechanisms have
been built in. On power-up, WREN is cleared. Also, the
Power-up
Timer
(64 ms
duration)
prevents
EEPROM write.
The write initiate sequence and the WREN bit together
help prevent an accidental write during:
• Brown-out
•Power Glitch
• Software Malfunction
10.4
Data EEPROM Operation During
Code-Protect
Data memory can be code-protected by programming
the CPD bit in the Configuration Word register
(Register 14-1) to ‘0’.
When the data memory is code-protected, only the CPU
is able to read and write data to the data EEPROM. It is
recommended to code-protect the program memory
when code-protecting data memory and programming
unused program memory with NOP instructions.
BANKSEL EEDAT
;
MOVF
EEDAT, W
;EEDAT not changed
;from previous write
BANKSEL EECON1
;
BSF
EECON1, RD
;YES, Read the
;value written
BANKSEL EEDAT
;
XORWF
EEDAT, W
;
BTFSS
STATUS, Z
;Is data the same
GOTO
WRITE_ERR
;No, handle error
:
;Yes, continue
BANKSEL 0x00
;Bank 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com