Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F690IP Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC16F690IP
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F690IP Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC16F690IP Datasheet HTML 169Page - Microchip Technology PIC16F690IP Datasheet HTML 170Page - Microchip Technology PIC16F690IP Datasheet HTML 171Page - Microchip Technology PIC16F690IP Datasheet HTML 172Page - Microchip Technology PIC16F690IP Datasheet HTML 173Page - Microchip Technology PIC16F690IP Datasheet HTML 174Page - Microchip Technology PIC16F690IP Datasheet HTML 175Page - Microchip Technology PIC16F690IP Datasheet HTML 176Page - Microchip Technology PIC16F690IP Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 306 page
background image
© 2008 Microchip Technology Inc.
DS41262E-page 171
PIC16F631/677/685/687/689/690
12.4
EUSART Synchronous Mode
Synchronous serial communications are typically used
in systems with a single master and one or more
slaves. The master device contains the necessary cir-
cuitry for baud rate generation and supplies the clock
for all devices in the system. Slave devices can take
advantage of the master clock by eliminating the
internal clock generation circuitry.
There are two signal lines in Synchronous mode: a bidi-
rectional data line and a clock line. Slaves use the
external clock supplied by the master to shift the serial
data into and out of their respective receive and trans-
mit shift registers. Since the data line is bidirectional,
synchronous operation is half-duplex only. Half-duplex
refers to the fact that master and slave devices can
receive and transmit data but not both simultaneously.
The EUSART can operate as either a master or slave
device.
Start and Stop bits are not used in synchronous
transmissions.
12.4.1
SYNCHRONOUS MASTER MODE
The following bits are used to configure the EUSART
for Synchronous Master operation:
• SYNC = 1
• CSRC = 1
• SREN = 0 (for transmit); SREN = 1 (for receive)
• CREN = 0 (for transmit); CREN = 1 (for receive)
• SPEN = 1
Setting the SYNC bit of the TXSTA register configures
the device for synchronous operation. Setting the CSRC
bit of the TXSTA register configures the device as a mas-
ter. Clearing the SREN and CREN bits of the RCSTA reg-
ister ensures that the device is in the Transmit mode,
otherwise the device will be configured to receive. Setting
the SPEN bit of the RCSTA register enables the
EUSART. If the RX/DT or TX/CK pins are shared with an
analog peripheral the analog I/O functions must be
disabled by clearing the corresponding ANSEL bits.
12.4.1.1
Master Clock
Synchronous data transfers use a separate clock line,
which is synchronous with the data. A device config-
ured as a master transmits the clock on the TX/CK line.
The TX/CK pin output driver is automatically enabled
when the EUSART is configured for synchronous
transmit or receive operation. Serial data bits change
on the leading edge to ensure they are valid at the trail-
ing edge of each clock. One clock cycle is generated
for each data bit. Only as many clock cycles are
generated as there are data bits.
12.4.1.2
Clock Polarity
A clock polarity option is provided for Microwire
compatability. Clock polarity is selected with the SCKP
bit of the BAUDCTL register. Setting the SCKP bit sets
the clock Idle state as high. When the SCKP bit is set,
the data changes on the falling edge of each clock.
Clearing the SCKP bit sets the Idle state as low. When
the SCKP bit is cleared, the data changes on the rising
edge of each clock.
12.4.1.3
Synchronous Master Transmission
Data is transferred out of the device on the RX/DT pin.
The RX/DT and TX/CK pin output drivers are automat-
ically enabled when the EUSART is configured for
synchronous master transmit operation.
A transmission is initiated by writing a character to the
TXREG register. If the TSR still contains all or part of a
previous character the new character data is held in the
TXREG until the last bit of the previous character has
been transmitted. If this is the first character, or the pre-
vious character has been completely flushed from the
TSR, the data in the TXREG is immediately transferred
to the TSR. The transmission of the character com-
mences immediately following the transfer of the data
to the TSR from the TXREG.
Each data bit changes on the leading edge of the
master clock and remains valid until the subsequent
leading clock edge.
12.4.1.4
Synchronous Master Transmission
Set-up:
1.
Initialize the SPBRGH, SPBRG register pair and
the BRGH and BRG16 bits to achieve the
desired baud rate (see Section 12.3 “EUSART
Baud Rate Generator (BRG)”).
2.
Enable the synchronous master serial port by
setting bits SYNC, SPEN, and CSRC.
3.
Disable Receive mode by clearing bits SREN
and CREN.
4.
Enable Transmit mode by setting the TXEN bit.
5.
If 9-bit transmission is desired, set the TX9 bit.
6.
If interrupts are desired, set the TXIE bit of the
PIE1 register and the GIE and PEIE bits of the
INTCON register.
7.
If 9-bit transmission is selected, the ninth bit
should be loaded in the TX9D bit.
8.
Start transmission by loading data to the TXREG
register.
Note:
The TSR register is not mapped in data
memory, so it is not available to the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com