Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 209 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 209 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 205Page - Microchip Technology T0XCS Datasheet HTML 206Page - Microchip Technology T0XCS Datasheet HTML 207Page - Microchip Technology T0XCS Datasheet HTML 208Page - Microchip Technology T0XCS Datasheet HTML 209Page - Microchip Technology T0XCS Datasheet HTML 210Page - Microchip Technology T0XCS Datasheet HTML 211Page - Microchip Technology T0XCS Datasheet HTML 212Page - Microchip Technology T0XCS Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 209
PIC16(L)F1946/47
TABLE 21-5:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER1
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
238
CCP2CON
P2M<1:0>
DC2B<1:0>
CCP2M<3:0>
238
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
92
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
93
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
97
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
203*
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
203*
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
134
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
137
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—TMR1ON
207
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
208
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by the Timer1 module.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com