Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 75 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 75 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 71Page - Microchip Technology T0XCS Datasheet HTML 72Page - Microchip Technology T0XCS Datasheet HTML 73Page - Microchip Technology T0XCS Datasheet HTML 74Page - Microchip Technology T0XCS Datasheet HTML 75Page - Microchip Technology T0XCS Datasheet HTML 76Page - Microchip Technology T0XCS Datasheet HTML 77Page - Microchip Technology T0XCS Datasheet HTML 78Page - Microchip Technology T0XCS Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 75
PIC16(L)F1946/47
5.6
Register Definitions: Oscillator Control
REGISTER 5-1:
OSCCON: OSCILLATOR CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-1/1
R/W-1/1
R/W-1/1
U-0
R/W-0/0
R/W-0/0
SPLLEN
IRCF<3:0>
—
SCS<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
SPLLEN: Software PLL Enable bit
If PLLEN in Configuration Words = 1:
SPLLEN bit is ignored. 4x PLL is always enabled (subject to oscillator requirements)
If PLLEN in Configuration Words = 0:
1 = 4x PLL Is enabled
0 = 4x PLL is disabled
bit 6-3
IRCF<3:0>: Internal Oscillator Frequency Select bits
1111 = 16 MHz HF
1110 = 8 MHz or 32 MHz HF(see Section 5.2.2.1 “HFINTOSC”)
1101 =4 MHz HF
1100 =2 MHz HF
1011 =1 MHz HF
1010 =500 kHz HF(1)
1001 =250 kHz HF(1)
1000 =125 kHz HF(1)
0111 = 500 kHz MF (default upon Reset)
0110 =250 kHz MF
0101 =125 kHz MF
0100 =62.5 kHz MF
0011 =31.25 kHz HF(1)
0010 =31.25 kHz MF
000x =31 kHz LF
bit 2
Unimplemented: Read as ‘0’
bit 1-0
SCS<1:0>: System Clock Select bits
1x = Internal oscillator block
01 = Timer1 oscillator
00 = Clock determined by FOSC<2:0> in Configuration Words
Note 1:
Duplicate frequency derived from HFINTOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com