Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 100 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 100 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 96Page - Microchip Technology T0XCS Datasheet HTML 97Page - Microchip Technology T0XCS Datasheet HTML 98Page - Microchip Technology T0XCS Datasheet HTML 99Page - Microchip Technology T0XCS Datasheet HTML 100Page - Microchip Technology T0XCS Datasheet HTML 101Page - Microchip Technology T0XCS Datasheet HTML 102Page - Microchip Technology T0XCS Datasheet HTML 103Page - Microchip Technology T0XCS Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 100
 2010-2012 Microchip Technology Inc.
REGISTER 7-9:
PIR4: PERIPHERAL INTERRUPT REQUEST REGISTER 4
U-0
U-0
R/W-0/0
R/W-0/0
U-0
U-0
R/W-0/0
R/W-0/0
—
—
RC2IF
TX2IF
—
—
BCL2IF
SSP2IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
Unimplemented: Read as ‘0’
bit 5
RC2IF: USART2 Receive Interrupt Flag bit
1 = Interrupt is pending
0 = Interrupt is not pending
bit 4
TX2IF: USART2 Transmit Interrupt Flag bit
1 = Interrupt is pending
0 = Interrupt is not pending
bit 3-2
Unimplemented: Read as ‘0’
bit 1
BCL2IF: MSSP2 Bus Collision Interrupt Flag bit
1 = Interrupt is pending
0 = Interrupt is not pending
bit 0
SSP2IF: Synchronous Serial Port (MSSP2) Interrupt Flag bit
1 = Interrupt is pending
0 = Interrupt is not pending
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE, of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear prior
to enabling an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com