Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 15 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 15 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 11Page - Microchip Technology T0XCS Datasheet HTML 12Page - Microchip Technology T0XCS Datasheet HTML 13Page - Microchip Technology T0XCS Datasheet HTML 14Page - Microchip Technology T0XCS Datasheet HTML 15Page - Microchip Technology T0XCS Datasheet HTML 16Page - Microchip Technology T0XCS Datasheet HTML 17Page - Microchip Technology T0XCS Datasheet HTML 18Page - Microchip Technology T0XCS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 15
PIC16(L)F1946/47
RC5/SDO1/SEG12
RC5
ST
CMOS General purpose I/O.
SDO1
—
CMOS SPI data output.
SEG12
—
AN
LCD Analog output.
RC6/TX1/CK1/SEG27
RC6
ST
CMOS General purpose I/O.
TX1
—
CMOS USART1 asynchronous transmit.
CK1
ST
CMOS USART1 synchronous clock.
SEG27
—
AN
LCD Analog output.
RC7/RX1/DT1/SEG28
RC7
ST
CMOS General purpose I/O.
RX
ST
—
USART1 asynchronous input.
DT1
ST
CMOS USART1 synchronous data.
SEG28
—
AN
LCD Analog output.
RD0/P2D(1)/SEG0
RD0
ST
CMOS General purpose I/O.
P2D
—
CMOS PWM output.
SEG0
—
AN
LCD Analog output.
RD1/P2C(1)/SEG1
RD1
ST
CMOS General purpose I/O.
P2C
—
CMOS PWM output.
SEG1
—
AN
LCD Analog output.
RD2/P2B(1)/SEG2
RD2
ST
CMOS General purpose I/O.
P2B
—
CMOS PWM output.
SEG2
—
AN
LCD Analog output.
RD3/P3C(1)/SEG3
RD3
ST
CMOS General purpose I/O.
P3C
—
CMOS PWM output.
SEG3
—
AN
LCD analog output.
RD4/SDO2/P3B(1)/SEG4
RD4
ST
CMOS General purpose I/O.
SDO2
—
CMOS SPI data output.
P3B
—
CMOS PWM output.
SEG4
—
AN
LCD analog output.
RD5/SDI2/SDA2/P1C(1)/SEG5
RD5
ST
CMOS General purpose I/O.
SDI2
ST
—
SPI data input.
SDA2
I2COD
I2C™ data input/output.
P1C
—
CMOS PWM output.
SEG5
—
AN
LCD analog output.
RD6/SCK2/SCL2/P1B(1)/SEG6
RD6
ST
CMOS General purpose I/O.
SCK2
ST
CMOS SPI clock.
SCL2
I2COD
I2C™ clock.
P1B
—
CMOS PWM output.
SEG6
—
AN
LCD analog output.
RD7/SS2/SEG7
RD7
ST
CMOS General purpose I/O.
SS2
ST
—
Slave Select input.
SEG7
—
AN
LCD analog output.
RE0/P2D(1)/VLCD1
RE0
ST
CMOS General purpose I/O.
P2D
—
CMOS PWM output.
VLCD1
AN
—
LCD analog input.
TABLE 1-2:
PIC16(L)F1946/47 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin function is selectable via the APFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com