Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 80 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 80 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 76Page - Microchip Technology T0XCS Datasheet HTML 77Page - Microchip Technology T0XCS Datasheet HTML 78Page - Microchip Technology T0XCS Datasheet HTML 79Page - Microchip Technology T0XCS Datasheet HTML 80Page - Microchip Technology T0XCS Datasheet HTML 81Page - Microchip Technology T0XCS Datasheet HTML 82Page - Microchip Technology T0XCS Datasheet HTML 83Page - Microchip Technology T0XCS Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 80
 2010-2012 Microchip Technology Inc.
6.1
Power-on Reset (POR)
The POR circuit holds the device in Reset until VDD has
reached an acceptable level for minimum operation.
Slow rising VDD, fast operating speeds or analog
performance may require greater than minimum VDD.
The PWRT, BOR or MCLR features can be used to
extend the start-up period until all device operation
conditions have been met.
6.1.1
POWER-UP TIMER (PWRT)
The Power-up Timer provides a nominal 64 ms time-
out on POR or Brown-out Reset.
The device is held in Reset as long as PWRT is active.
The PWRT delay allows additional time for the VDD to
rise to an acceptable level. The Power-up Timer is
enabled by clearing the PWRTE bit in Configuration
Words.
The Power-up Timer starts after the release of the POR
and BOR.
For additional information, refer to Application Note
AN607, “Power-up Trouble Shooting” (DS00607).
6.2
Brown-Out Reset (BOR)
The BOR circuit holds the device in Reset when VDD
reaches a selectable minimum level. Between the
POR and BOR, complete voltage range coverage for
execution protection can be implemented.
The Brown-out Reset module has four operating
modes controlled by the BOREN<1:0> bits in Configu-
ration Words. The four operating modes are:
• BOR is always on
• BOR is off when in Sleep
• BOR is controlled by software
• BOR is always off
Refer to Table 6-1 for more information.
The Brown-out Reset voltage level is selectable by
configuring the BORV bit in Configuration Words.
A VDD noise rejection filter prevents the BOR from trig-
gering on small events. If VDD falls below VBOR for a
duration greater than parameter TBORDC, the device
will reset. See Figure 6-2 for more information.
TABLE 6-1:
BOR OPERATING MODES
6.2.1
BOR IS ALWAYS ON
When the BOREN bits of Configuration Words are pro-
grammed to ‘11’, the BOR is always on. The device
start-up will be delayed until the BOR is ready and VDD
is higher than the BOR threshold.
BOR protection is active during Sleep. The BOR does
not delay wake-up from Sleep.
6.2.2
BOR IS OFF IN SLEEP
When the BOREN bits of Configuration Words are pro-
grammed to ‘10’, the BOR is on, except in Sleep. The
device start-up will be delayed until the BOR is ready
and VDD is higher than the BOR threshold.
BOR protection is not active during Sleep. The device
wake-up will be delayed until the BOR is ready.
6.2.3
BOR CONTROLLED BY SOFTWARE
When the BOREN bits of Configuration Words are pro-
grammed to ‘01’, the BOR is controlled by the SBO-
REN bit of the BORCON register. The device start-up
is not delayed by the BOR ready condition or the VDD
level.
BOR protection begins as soon as the BOR circuit is
ready. The status of the BOR circuit is reflected in the
BORRDY bit of the BORCON register.
BOR protection is unchanged by Sleep.
BOREN<1:0>
SBOREN
Device Mode
BOR Mode
Instruction Execution upon:
Release of POR or Wake-up from Sleep
11
X
X
Active
Waits for BOR ready(1) (BORRDY = 1)
10
X
Awake
Active
Waits for BOR ready (BORRDY = 1)
Sleep
Disabled
01
1
X
Active
Waits for BOR ready(1) (BORRDY = 1)
0
XDisabled
Begins immediately (BORRDY = x)
00
X
XDisabled
Note 1: In these specific cases, “Release of POR” and “Wake-up from Sleep”, there is no delay in start-up. The BOR
ready flag, (BORRDY = 1), will be set before the CPU is ready to execute instructions because the BOR
circuit is forced on by the BOREN<1:0> bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com