Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 18 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 18 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 14Page - Microchip Technology T0XCS Datasheet HTML 15Page - Microchip Technology T0XCS Datasheet HTML 16Page - Microchip Technology T0XCS Datasheet HTML 17Page - Microchip Technology T0XCS Datasheet HTML 18Page - Microchip Technology T0XCS Datasheet HTML 19Page - Microchip Technology T0XCS Datasheet HTML 20Page - Microchip Technology T0XCS Datasheet HTML 21Page - Microchip Technology T0XCS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 18
 2010-2012 Microchip Technology Inc.
RG2/AN14/CPS14/RX2/DT2/
C3IN+/SEG44
RG2
ST
CMOS General purpose I/O.
AN14
AN
—
A/D Channel input.
CPS14
AN
—
Capacitive sensing input.
RX2
ST
—
USART2 asynchronous input.
DT2
ST
CMOS USART2 synchronous data.
C3IN+
AN
—
Comparator positive input.
SEG44
—
AN
LCD Analog output.
RG3/AN13/CPS13/C3IN0-/
CCP4/P3D/SEG45
RG3
ST
CMOS General purpose I/O.
AN13
AN
—
A/D Channel input.
CPS13
AN
—
Capacitive sensing input.
C3IN0-
AN
—
Comparator negative input.
CCP4
ST
CMOS Capture/Compare/PWM.
P3D
—
CMOS PWM output.
SEG45
—
AN
LCD Analog output.
RG4/AN12/CPS12/C3IN1-/
CCP5/P1D/SEG26
RG4
ST
CMOS General purpose I/O.
AN12
AN
—
A/D Channel input.
CPS12
AN
—
Capacitive sensing input.
C3IN1-
AN
—
Comparator negative input.
CCP5
ST
CMOS Capture/Compare/PWM.
P1D
—
CMOS PWM output.
SEG26
—
AN
LCD Analog output.
RG5/MCLR/VPP
RG5
ST
—
General purpose input.
MCLR
ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-2:
PIC16(L)F1946/47 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin function is selectable via the APFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com