Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 33 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 33 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 29Page - Microchip Technology T0XCS Datasheet HTML 30Page - Microchip Technology T0XCS Datasheet HTML 31Page - Microchip Technology T0XCS Datasheet HTML 32Page - Microchip Technology T0XCS Datasheet HTML 33Page - Microchip Technology T0XCS Datasheet HTML 34Page - Microchip Technology T0XCS Datasheet HTML 35Page - Microchip Technology T0XCS Datasheet HTML 36Page - Microchip Technology T0XCS Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 33
PIC16(L)F1946/1947
TABLE 3-10:
SPECIAL FUNCTION REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Bank 0
000h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
001h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
002h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
003h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
004h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
005h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
006h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
007h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
008h(2)
BSR
—
—
—
BSR<4:0>
---0 0000 ---0 0000
009h(2)
WREG
Working Register
0000 0000 uuuu uuuu
00Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
00Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
00Ch
PORTA
PORTA Data Latch when written: PORTA pins when read
xxxx xxxx uuuu uuuu
00Dh
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx uuuu uuuu
00Eh
PORTC
PORTC Data Latch when written: PORTC pins when read
xxxx xxxx uuuu uuuu
00Fh
PORTD
PORTD Data Latch when written: PORTD pins when read
xxxx xxxx uuuu uuuu
010h
PORTE
PORTE Data Latch when written: PORTE pins when read
xxxx xxxx xxxx uuuu
011h
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000 0000 0000
012h
PIR2
OSFIF
C2IF
C1IF
EEIF
BCLIF
LCDIF
C3IF
CCP2IF
0000 0000 0000 0000
013h
PIR3
—
CCP5IF
CCP4IF
CCP3IF
TMR6IF
—TMR4IF
—
-000 0-0- -000 0-0-
014h
PIR4
—
—
RC2IF
TX2IF
—
—
BCL2IF
SSP2IF
--00 --00 --00 --00
015h
TMR0
Timer0 Module Register
xxxx xxxx uuuu uuuu
016h
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
017h
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
018h
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—TMR1ON 0000 00-0 uuuu uu-u
019h
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
0000 0x00 uuuu uxuu
01Ah
TMR2
Timer 2 Module Register
0000 0000 0000 0000
01Bh
PR2
Timer 2 Period Register
1111 1111 1111 1111
01Ch
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS<1:0>
-000 0000 -000 0000
01Dh
—
Unimplemented
—
—
01Eh
CPSCON0
CPSON
CPSRM
—
—
CPSRNG1 CPSRNG0 CPSOUT
T0XCS
00-- 0000 00-- 0000
01Fh
CPSCON1
—
—
—
CPSCH<4:0>
---0 0000 ---0 0000
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are
transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com