Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 56 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 56 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 52Page - Microchip Technology T0XCS Datasheet HTML 53Page - Microchip Technology T0XCS Datasheet HTML 54Page - Microchip Technology T0XCS Datasheet HTML 55Page - Microchip Technology T0XCS Datasheet HTML 56Page - Microchip Technology T0XCS Datasheet HTML 57Page - Microchip Technology T0XCS Datasheet HTML 58Page - Microchip Technology T0XCS Datasheet HTML 59Page - Microchip Technology T0XCS Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 478 page
background image
PIC16(L)F1946/1947
DS41414D-page 56
 2010-2012 Microchip Technology Inc.
4.2
Register Definitions: Configuration Words
REGISTER 4-1:
CONFIG1: CONFIGURATION WORD 1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
FCMEN
IESO
CLKOUTEN
BOREN<1:0>
CPD
bit 13
bit 8
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
CP
MCLRE
PWRTE
WDTE<1:0>
FOSC<2:0>
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘1’
‘0’ = Bit is cleared
‘1’ = Bit is set
-n = Value when blank or after Bulk Erase
bit 13
FCMEN: Fail-Safe Clock Monitor Enable bit
1 = Fail-Safe Clock Monitor is enabled
0 = Fail-Safe Clock Monitor is disabled
bit 12
IESO: Internal External Switchover bit
1 = Internal/External Switchover mode is enabled
0 = Internal/External Switchover mode is disabled
bit 11
CLKOUTEN: Clock Out Enable bit
If FOSC configuration bits are set to LP, XT, HS modes:
This bit is ignored, CLKOUT function is disabled. Oscillator function on the CLKOUT pin.
All other FOSC modes:
1 = CLKOUT function is disabled. I/O function on the CLKOUT pin.
0 = CLKOUT function is enabled on the CLKOUT pin
bit 10-9
BOREN<1:0>: Brown-out Reset Enable bits(1)
11 = BOR enabled
10 = BOR enabled during operation and disabled in Sleep
01 = BOR controlled by SBOREN bit of the BORCON register
00 = BOR disabled
bit 8
CPD: Data Code Protection bit(2)
1 = Data memory code protection is disabled
0 = Data memory code protection is enabled
bit 7
CP: Code Protection bit(3)
1 = Program memory code protection is disabled
0 = Program memory code protection is enabled
bit 6
MCLRE: MCLR/VPP Pin Function Select bit
If LVP bit = 1:
This bit is ignored.
If LVP bit = 0:
1 =MCLR/VPP pin function is MCLR; Weak pull-up enabled.
0 =MCLR/VPP pin function is digital input; MCLR internally disabled; Weak pull-up under control of
WPUG5 bit.
bit 5
PWRTE: Power-up Timer Enable bit(1)
1 = PWRT disabled
0 = PWRT enabled
Note 1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
The entire data EEPROM will be erased when the code protection is turned off during
3:
The entire program memory will be erased when the code protection is turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com