Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 58 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 58 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 54Page - Microchip Technology T0XCS Datasheet HTML 55Page - Microchip Technology T0XCS Datasheet HTML 56Page - Microchip Technology T0XCS Datasheet HTML 57Page - Microchip Technology T0XCS Datasheet HTML 58Page - Microchip Technology T0XCS Datasheet HTML 59Page - Microchip Technology T0XCS Datasheet HTML 60Page - Microchip Technology T0XCS Datasheet HTML 61Page - Microchip Technology T0XCS Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 478 page
background image
PIC16(L)F1946/1947
DS41414D-page 58
 2010-2012 Microchip Technology Inc.
REGISTER 4-2:
CONFIG2: CONFIGURATION WORD 2
R/P-1
R/P-1
U-1
R/P-1
R/P-1
R/P-1
LVP(1)
DEBUG(2)
—BORV(3)
STVREN
PLLEN
bit 13
bit 8
U-1
U-1
U-1
R/P-1/1
U-1
U-1
R/P-1
R/P-1
—
—
—
VCAPEN
—
—WRT<1:0>
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘1’
‘0’ = Bit is cleared
‘1’ = Bit is set
-n = Value when blank or after Bulk Erase
bit 13
LVP: Low-Voltage Programming Enable bit(1)
1 = Low-voltage programming enabled
0 = High-voltage on MCLR must be used for programming
bit 12
DEBUG: In-Circuit Debugger Mode bit(2)
1 = In-Circuit Debugger disabled, ICSPCLK and ICSPDAT are general purpose I/O pins
0 = In-Circuit Debugger enabled, ICSPCLK and ICSPDAT are dedicated to the debugger
bit 11
Unimplemented: Read as ‘1’
bit 10
BORV: Brown-out Reset Voltage Selection bit(3)
1 = Brown-out Reset voltage (Vbor), low trip point selected.
0 = Brown-out Reset voltage (Vbor), high trip point selected.
bit 9
STVREN: Stack Overflow/Underflow Reset Enable bit
1 = Stack Overflow or Underflow will cause a Reset
0 = Stack Overflow or Underflow will not cause a Reset
bit 8
PLLEN: PLL Enable bit
1 = 4xPLL enabled
0 = 4xPLL disabled
bit 7-5
Unimplemented: Read as ‘1’
bit 4
VCAPEN: Voltage Regulator Capacitor Enable bits
0 =VCAP functionality is enabled on RF0
1 = No capacitor on VCAP pin
bit 3-2
Unimplemented: Read as ‘1’
bit 1-0
WRT<1:0>: Flash Memory Self-Write Protection bits
8 kW Flash memory (PIC16(L)F1946):
11 = Write protection off
10 = 000h to 1FFh write-protected, 200h to 1FFFh may be modified by EECON control
01 = 000h to FFFh write-protected, 1000h to 1FFFh may be modified by EECON control
00 = 000h to 1FFFh write-protected, no addresses may be modified by EECON control
16 kW Flash memory (PIC16(L)F1947):
11 = Write protection off
10 = 000h to 1FFh write-protected, 200h to 3FFFh may be modified by EECON control
01 = 000h to 1FFFh write-protected, 2000h to 3FFFh may be modified by EECON control
00 = 000h to 3FFFh write-protected, no addresses may be modified by EECON control
Note 1:
The LVP bit cannot be programmed to ‘0’ when Programming mode is entered via LVP.
2:
The DEBUG bit in Configuration Words is managed automatically by device development tools including
debuggers and programmers. For normal device operation, this bit should be maintained as a ‘1’.
3:
See Vbor parameter for specific trip point voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com