Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 89 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 89 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 85Page - Microchip Technology T0XCS Datasheet HTML 86Page - Microchip Technology T0XCS Datasheet HTML 87Page - Microchip Technology T0XCS Datasheet HTML 88Page - Microchip Technology T0XCS Datasheet HTML 89Page - Microchip Technology T0XCS Datasheet HTML 90Page - Microchip Technology T0XCS Datasheet HTML 91Page - Microchip Technology T0XCS Datasheet HTML 92Page - Microchip Technology T0XCS Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 89
PIC16(L)F1946/47
FIGURE 7-2:
INTERRUPT LATENCY
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
OSC1
CLKOUT
PC
0004h
0005h
PC
Inst(0004h)
NOP
GIE
Q1 Q2 Q3 Q4
Q1 Q2 Q3 Q4
1 Cycle Instruction at PC
PC
Inst(0004h)
NOP
2 Cycle Instruction at PC
FSR ADDR
PC+1
PC+2
0004h
0005h
PC
Inst(0004h)
NOP
GIE
PC
PC-1
3 Cycle Instruction at PC
Execute
Interrupt
Inst(PC)
Interrupt Sampled
during Q1
Inst(PC)
PC-1
PC+1
NOP
PC
New PC/
PC+1
0005h
PC-1
PC+1/FSR
ADDR
0004h
NOP
Interrupt
GIE
Interrupt
INST(PC)
NOP
NOP
FSR ADDR
PC+1
PC+2
0004h
0005h
PC
Inst(0004h)
NOP
GIE
PC
PC-1
3 Cycle Instruction at PC
Interrupt
INST(PC)
NOP
NOP
NOP
Inst(0005h)
Execute
Execute
Execute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com