Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 35 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 35 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 31Page - Microchip Technology T0XCS Datasheet HTML 32Page - Microchip Technology T0XCS Datasheet HTML 33Page - Microchip Technology T0XCS Datasheet HTML 34Page - Microchip Technology T0XCS Datasheet HTML 35Page - Microchip Technology T0XCS Datasheet HTML 36Page - Microchip Technology T0XCS Datasheet HTML 37Page - Microchip Technology T0XCS Datasheet HTML 38Page - Microchip Technology T0XCS Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 35
PIC16(L)F1946/1947
Bank 2
100h(2)
INDF0
Addressing this location uses contents of FSR0H/FSR0L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
101h(2)
INDF1
Addressing this location uses contents of FSR1H/FSR1L to address data memory
(not a physical register)
xxxx xxxx xxxx xxxx
102h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000 0000 0000
103h(2)
STATUS
—
—
—TO
PD
ZDC
C
---1 1000 ---q quuu
104h(2)
FSR0L
Indirect Data Memory Address 0 Low Pointer
0000 0000 uuuu uuuu
105h(2)
FSR0H
Indirect Data Memory Address 0 High Pointer
0000 0000 0000 0000
106h(2)
FSR1L
Indirect Data Memory Address 1 Low Pointer
0000 0000 uuuu uuuu
107h(2)
FSR1H
Indirect Data Memory Address 1 High Pointer
0000 0000 0000 0000
108h(2)
BSR
—
—
—
BSR<4:0>
---0 0000 ---0 0000
109h(2)
WREG
Working Register
0000 0000 uuuu uuuu
10Ah(1, 2) PCLATH
—
Write Buffer for the upper 7 bits of the Program Counter
-000 0000 -000 0000
10Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
0000 000x 0000 000u
10Ch
LATA
PORTA Data Latch
xxxx xxxx uuuu uuuu
10Dh
LATB
PORTB Data Latch
xxxx xxxx uuuu uuuu
10Eh
LATC
PORTC Data Latch
xxxx xxxx uuuu uuuu
10Fh
LATD
PORTD Data Latch
xxxx xxxx uuuu uuuu
110h
LATE
PORTE Data Latch
xxxx xxxx uuuu uuuu
111h
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC 0000 -100 0000 -100
112h
CM1CON1
C1INTP
C1INTN
C1PCH1
C1PCH0
—
—
C1NCH<1:0>
0000 --00 0000 --00
113h
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC 0000 -100 0000 -100
114h
CM2CON1
C2INTP
C2INTN
C2PCH1
C2PCH0
—
—
C2NCH<1:0>
0000 --00 0000 --00
115h
CMOUT
—
—
—
—
—
MC3OUT MC2OUT MC1OUT ---- -000 ---- -000
116h
BORCON
SBOREN
—
—
—
—
—
—
BORRDY 1--- ---q u--- ---u
117h
FVRCON
FVREN
FVRRDY
TSEN
TSRNG
CDAFVR1 CDAFVR0
ADFVR<1:0>
0q00 0000 0q00 0000
118h
DACCON0
DACEN
DACLPS
DACOE
—
DACPSS<1:0>
—
DACNSS 000- 00-0 000- 00-0
119h
DACCON1
—
—
—
DACR<4:0>
---0 0000 ---0 0000
11Ah
SRCON0
SRLEN
SRCLK2
SRCLK1
SRCLK0
SRQEN
SRNQEN
SRPS
SRPR
0000 0000 0000 0000
11Bh
SRCON1
SRSPE
SRSCKE
SRSC2E
SRSC1E
SRRPE
SRRCKE
SRRC2E
SRRC1E 0000 0000 0000 0000
11Ch
—
Unimplemented
—
—
11Dh
APFCON
P3CSEL
P3BSEL
P2DSEL
P2CSEL
P2BSEL
CCP2SEL
P1CSEL
P1BSEL 0000 0000 0000 0000
11Eh
CM3CON0
C3ON
C3OUT
C3OE
C3POL
—
C3SP
C3HYS
C3SYNC 0000 -100 0000 -100
11Fh
CM3CON1
C3INTP
C3INTN
C3PCH1
C3PCH0
—
—
C3NCH<1:0>
0000 --00 0000 --00
TABLE 3-10:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on all
other
Resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<14:8>, whose contents are
transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com