Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 253 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 253 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 249Page - Microchip Technology T0XCS Datasheet HTML 250Page - Microchip Technology T0XCS Datasheet HTML 251Page - Microchip Technology T0XCS Datasheet HTML 252Page - Microchip Technology T0XCS Datasheet HTML 253Page - Microchip Technology T0XCS Datasheet HTML 254Page - Microchip Technology T0XCS Datasheet HTML 255Page - Microchip Technology T0XCS Datasheet HTML 256Page - Microchip Technology T0XCS Datasheet HTML 257Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 253
PIC16(L)F1946/47
24.2.6 SPI OPERATION IN SLEEP MODE
In SPI Master mode, module clocks may be operating
at a different speed than when in full power mode; in
the case of the Sleep mode, all clocks are halted.
Special care must be taken by the user when the
MSSPx clock is much faster than the system clock.
In Slave mode, when MSSPx interrupts are enabled,
after the master completes sending data, an MSSPx
interrupt will wake the controller from Sleep.
If an exit from Sleep mode is not desired, MSSPx inter-
rupts should be disabled.
In SPI Master mode, when the Sleep mode is selected,
all module clocks are halted and the transmis-
sion/reception will remain in that state until the device
wakes. After the device returns to Run mode, the mod-
ule will resume transmitting and receiving data.
In SPI Slave mode, the SPI Transmit/Receive Shift
register operates asynchronously to the device. This
allows the device to be placed in Sleep mode and data
to be shifted into the SPI Transmit/Receive Shift
register. When all 8 bits have been received, the
MSSPx interrupt flag bit will be set and if enabled, will
wake the device.
TABLE 24-1:
SUMMARY OF REGISTERS ASSOCIATED WITH SPI OPERATION
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
ANSA7
ANSA6
ANSA5
ANSA4
ANSA3
ANSA2
ANSA1
ANSA0
132
APFCON
P3CSEL
P3BSEL
P2DSEL
P2CSEL
P2BSEL
CCP2SEL
P1CSEL
P1BSEL
129
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
92
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
93
PIE4
—
—
RC2IE
TX2IE
—
—
BCL2IE
SSP2IE
96
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
97
PIR4
—
—
RC2IF
TX2IF
—
—
BCL2IF
SSP2IF
100
SSP1BUF
Synchronous Serial Port Receive Buffer/Transmit Register
247*
SSP2BUF
Synchronous Serial Port Receive Buffer/Transmit Register
247*
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
292
SSP1CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
295
SSP1STAT
SMP
CKE
D/A
P
S
R/W
UA
BF
291
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM<3:0>
292
SSP2CON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
295
SSP2STAT
SMP
CKE
D/A
P
S
R/W
UA
BF
291
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
131
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
134
Legend:
— = Unimplemented location, read as ‘0’. Shaded cells are not used by the MSSPx in SPI mode.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com