Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 259 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 259 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 255Page - Microchip Technology T0XCS Datasheet HTML 256Page - Microchip Technology T0XCS Datasheet HTML 257Page - Microchip Technology T0XCS Datasheet HTML 258Page - Microchip Technology T0XCS Datasheet HTML 259Page - Microchip Technology T0XCS Datasheet HTML 260Page - Microchip Technology T0XCS Datasheet HTML 261Page - Microchip Technology T0XCS Datasheet HTML 262Page - Microchip Technology T0XCS Datasheet HTML 263Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 259
PIC16(L)F1946/47
24.5.2 SLAVE RECEPTION
When the R/W bit of a matching received address byte
is clear, the R/W bit of the SSPxSTAT register is
cleared. The received address is loaded into the
SSPxBUF register and acknowledged.
When the overflow condition exists for a received
address, then not Acknowledge is given. An overflow
condition is defined as either bit BF of the SSPxSTAT
register is set, or bit SSPOV of the SSPxCON1 register
is set. The BOEN bit of the SSPxCON3 register modi-
fies this operation. For more information see
Register 24-4.
An MSSPx interrupt is generated for each transferred
data byte. Flag bit, SSPxIF, must be cleared by
software.
When the SEN bit of the SSPxCON2 register is set,
SCLx will be held low (clock stretch) following each
received byte. The clock must be released by setting
the CKP bit of the SSPxCON1 register, except
sometimes in 10-bit mode. See Section 24.2.3 “SPI
Master Mode” for more detail.
24.5.2.1 7-bit Addressing Reception
This section describes a standard sequence of events
for the MSSPx module configured as an I2C Slave in
7-bit Addressing mode. Figure 24-13 and Figure 24-14
are used as visual references for this description.
This is a step by step process of what typically must
be done to accomplish I2C communication.
1.
Start bit detected.
2.
S bit of SSPxSTAT is set; SSPxIF is set if inter-
rupt on Start detect is enabled.
3.
Matching address with R/W bit clear is received.
4.
The slave pulls SDAx low sending an ACK to the
master, and sets SSPxIF bit.
5.
Software clears the SSPxIF bit.
6.
Software
reads
received
address
from
SSPxBUF clearing the BF flag.
7.
If SEN = 1; Slave software sets CKP bit to
release the SCLx line.
8.
The master clocks out a data byte.
9.
Slave drives SDAx low sending an ACK to the
master, and sets SSPxIF bit.
10. Software clears SSPxIF.
11. Software reads the received byte from
SSPxBUF clearing BF.
12. Steps 8-12 are repeated for all received bytes
from the Master.
13. Master sends Stop condition, setting P bit of
SSPxSTAT, and the bus goes idle.
24.5.2.2 7-bit Reception with AHEN and DHEN
Slave device reception with AHEN and DHEN set
operate the same as without these options with extra
interrupts and clock stretching added after the 8th fall-
ing edge of SCLx. These additional interrupts allow the
slave software to decide whether it wants to ACK the
receive address or data byte, rather than the hard-
ware. This functionality adds support for PMBus™ that
was not present on previous versions of this module.
This list describes the steps that need to be taken by
slave software to use these options for I2C communi-
cation. Figure 24-15 displays a module using both
address and data holding. Figure 24-16 includes the
operation with the SEN bit of the SSPxCON2 register
set.
1.
S bit of SSPxSTAT is set; SSPxIF is set if inter-
rupt on Start detect is enabled.
2.
Matching address with R/W bit clear is clocked
in. SSPxIF is set and CKP cleared after the 8th
falling edge of SCLx.
3.
Slave clears the SSPxIF.
4.
Slave can look at the ACKTIM bit of the
SSPxCON3 register to determine if the SSPxIF
was after or before the ACK.
5.
Slave reads the address value from SSPxBUF,
clearing the BF flag.
6.
Slave sets ACK value clocked out to the master
by setting ACKDT.
7.
Slave releases the clock by setting CKP.
8.
SSPxIF is set after an ACK, not after a NACK.
9.
If SEN = 1 the slave hardware will stretch the
clock after the ACK.
10. Slave clears SSPxIF.
11. SSPxIF set and CKP cleared after 8th falling
edge of SCLx for a received data byte.
12. Slave looks at ACKTIM bit of SSPxCON3 to
determine the source of the interrupt.
13. Slave reads the received data from SSPxBUF
clearing BF.
14. Steps 7-14 are the same for each received data
byte.
15. Communication is ended by either the slave
sending an ACK = 1, or the master sending a
Stop condition. If a Stop is sent and Interrupt on
Stop Detect is disabled, the slave will only know
by polling the P bit of the SSTSTAT register.
Note:
SSPxIF is still set after the 9th falling edge of
SCLx even if there is no clock stretching and
BF has been cleared. Only if NACK is sent
to Master is SSPxIF not set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com