Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 314 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 314 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 310Page - Microchip Technology T0XCS Datasheet HTML 311Page - Microchip Technology T0XCS Datasheet HTML 312Page - Microchip Technology T0XCS Datasheet HTML 313Page - Microchip Technology T0XCS Datasheet HTML 314Page - Microchip Technology T0XCS Datasheet HTML 315Page - Microchip Technology T0XCS Datasheet HTML 316Page - Microchip Technology T0XCS Datasheet HTML 317Page - Microchip Technology T0XCS Datasheet HTML 318Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 314
 2010-2012 Microchip Technology Inc.
25.4.1
AUTO-BAUD DETECT
The EUSART module supports automatic detection
and calibration of the baud rate.
In the Auto-Baud Detect (ABD) mode, the clock to the
BRG is reversed. Rather than the BRG clocking the
incoming RXx signal, the RXx signal is timing the BRG.
The Baud Rate Generator is used to time the period of
a received 55h (ASCII “U”) which is the Sync character
for the LIN bus. The unique feature of this character is
that it has five rising edges including the Stop bit edge.
Setting the ABDEN bit of the BAUDxCON register
starts
the
auto-baud
calibration
sequence
(Figure 25.4.2). While the ABD sequence takes place,
the EUSART state machine is held in Idle. On the first
rising edge of the receive line, after the Start bit, the
SPxBRGL begins counting up using the BRG counter
clock as shown in Table 25-6. The fifth rising edge will
occur on the RXx/DTx pin at the end of the eighth bit
period. At that time, an accumulated value totaling the
proper BRG period is left in the SPxBRGH:SPxBRGL
register pair, the ABDEN bit is automatically cleared,
and the RCxIF interrupt flag is set. A read operation on
the RCxREG needs to be performed to clear the RCxIF
interrupt. RCxREG content should be discarded. When
calibrating for modes that do not use the SPxBRGH
register the user can verify that the SPxBRGL register
did not overflow by checking for 00h in the SPxBRGH
register.
The BRG auto-baud clock is determined by the BRG16
and BRGH bits as shown in Table 25-6. During ABD,
both the SPxBRGH and SPxBRGL registers are used
as a 16-bit counter, independent of the BRG16 bit set-
ting. While calibrating the baud rate period, the
SPxBRGH and SPxBRGL registers are clocked at
1/8th the BRG base clock rate. The resulting byte mea-
surement is the average bit time when clocked at full
speed.
FIGURE 25-6:
AUTOMATIC BAUD RATE CALIBRATION
Note 1:
If the WUE bit is set with the ABDEN bit,
auto-baud detection will occur on the byte
following the Break character (see
Section 25.4.3
“Auto-Wake-up
on
Break”).
2:
It is up to the user to determine that the
incoming character baud rate is within the
range of the selected BRG clock source.
Some combinations of oscillator frequency
and EUSART baud rates are not possible.
3:
During the auto-baud process, the
auto-baud counter starts counting at 1.
Upon completion of the auto-baud
sequence, to achieve maximum accu-
racy, subtract 1 from the SPxBRGH:SPx-
BRGL register pair.
TABLE 25-6:
BRG COUNTER CLOCK
RATES
BRG16
BRGH
BRG Base
Clock
BRG ABD
Clock
00
FOSC/64
FOSC/512
01
FOSC/16
FOSC/128
10
FOSC/16
FOSC/128
11
FOSC/4
FOSC/32
Note:
During the ABD sequence, SPxBRGL and
SPxBRGH registers are both used as a
16-bit counter, independent of BRG16
setting.
BRG Value
RXx/DTx pin
ABDEN bit
RCxIF bit
bit 0
bit 1
(Interrupt)
Read
RCxREG
BRG Clock
Start
Auto Cleared
Set by User
XXXXh
0000h
Edge #1
bit 2
bit 3
Edge #2
bit 4
bit 5
Edge #3
bit 6
bit 7
Edge #4
Stop bit
Edge #5
001Ch
Note 1:
The ABD sequence requires the EUSART module to be configured in Asynchronous mode.
SPxBRGL
XXh
1Ch
SPxBRGH
XXh
00h
RCIDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com