Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 344 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 344 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 340Page - Microchip Technology T0XCS Datasheet HTML 341Page - Microchip Technology T0XCS Datasheet HTML 342Page - Microchip Technology T0XCS Datasheet HTML 343Page - Microchip Technology T0XCS Datasheet HTML 344Page - Microchip Technology T0XCS Datasheet HTML 345Page - Microchip Technology T0XCS Datasheet HTML 346Page - Microchip Technology T0XCS Datasheet HTML 347Page - Microchip Technology T0XCS Datasheet HTML 348Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 344
 2010-2012 Microchip Technology Inc.
27.5
LCD Bias Internal Reference
Ladder
The internal reference ladder can be used to divide the
LCD bias voltage two or three equally spaced voltages
that will be supplied to the LCD segment pins. To create
this, the reference ladder consists of three matched
resistors. Refer to Figure 27-3.
27.5.1
BIAS MODE INTERACTION
When in 1/2 Bias mode (BIASMD = 1), then the middle
resistor of the ladder is shorted out so that only two
voltages are generated. The current consumption of the
ladder is higher in this mode, with the one resistor
removed.
TABLE 27-3:
LCD INTERNAL LADDER
POWER MODES (1/3 BIAS)
27.5.2
POWER MODES
The internal reference ladder may be operated in one of
three power modes. This allows the user to trade off LCD
contrast for power in the specific application. The larger
the LCD glass, the more capacitance is present on a
physical LCD segment, requiring more current to
maintain the same contrast level.
Three different power modes are available, LP, MP and
HP. The internal reference ladder can also be turned off
for applications that wish to provide an external ladder
or to minimize power consumption. Disabling the
internal reference ladder results in all of the ladders
being disconnected, allowing external voltages to be
supplied.
Whenever the LCD module is inactive (LCDA = 0), the
internal reference ladder will be turned off.
Power
Mode
Nominal Resistance of
Entire Ladder
Nominal
IDD
Low
3 Mohm
1 µA
Medium
300 kohm
10 µA
High
30 kohm
100 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com