Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 450 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 450 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 446Page - Microchip Technology T0XCS Datasheet HTML 447Page - Microchip Technology T0XCS Datasheet HTML 448Page - Microchip Technology T0XCS Datasheet HTML 449Page - Microchip Technology T0XCS Datasheet HTML 450Page - Microchip Technology T0XCS Datasheet HTML 451Page - Microchip Technology T0XCS Datasheet HTML 452Page - Microchip Technology T0XCS Datasheet HTML 453Page - Microchip Technology T0XCS Datasheet HTML 454Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 450
 2010-2012 Microchip Technology Inc.
FIGURE 31-57:
BROWN-OUT RESET VOLTAGE, BORV = 1
FIGURE 31-58:
BROWN-OUT RESET HYSTERESIS, BORV = 1
Max.
Min.
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
Max: Typical + 3
Min: Typical - 3
Typical
Max.
Min.
0
10
20
30
40
50
60
70
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
Max: Typical + 3
Typical: 25°C
Min: Typical - 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com