Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 191 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 191 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 187Page - Microchip Technology T0XCS Datasheet HTML 188Page - Microchip Technology T0XCS Datasheet HTML 189Page - Microchip Technology T0XCS Datasheet HTML 190Page - Microchip Technology T0XCS Datasheet HTML 191Page - Microchip Technology T0XCS Datasheet HTML 192Page - Microchip Technology T0XCS Datasheet HTML 193Page - Microchip Technology T0XCS Datasheet HTML 194Page - Microchip Technology T0XCS Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 191
PIC16(L)F1946/47
TABLE 19-1:
SRCLK FREQUENCY TABLE
SRCLK
Divider
FOSC = 32 MHz
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 4 MHz
FOSC = 1 MHz
111
512
62.5 kHz
39.0 kHz
31.3 kHz
7.81 kHz
1.95 kHz
110
256
125 kHz
78.1 kHz
62.5 kHz
15.6 kHz
3.90 kHz
101
128
250 kHz
156 kHz
125 kHz
31.25 kHz
7.81 kHz
100
64
500 kHz
313 kHz
250 kHz
62.5 kHz
15.6 kHz
011
32
1 MHz
625 kHz
500 kHz
125 kHz
31.3 kHz
010
16
2 MHz
1.25 MHz
1 MHz
250 kHz
62.5 kHz
001
8
4 MHz
2.5 MHz
2 MHz
500 kHz
125 kHz
000
4
8 MHz
5 MHz
4 MHz
1 MHz
250 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com