Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0XCS Datasheet(PDF) 202 Page - Microchip Technology

Part # T0XCS
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

T0XCS Datasheet(HTML) 202 Page - Microchip Technology

Back Button T0XCS Datasheet HTML 198Page - Microchip Technology T0XCS Datasheet HTML 199Page - Microchip Technology T0XCS Datasheet HTML 200Page - Microchip Technology T0XCS Datasheet HTML 201Page - Microchip Technology T0XCS Datasheet HTML 202Page - Microchip Technology T0XCS Datasheet HTML 203Page - Microchip Technology T0XCS Datasheet HTML 204Page - Microchip Technology T0XCS Datasheet HTML 205Page - Microchip Technology T0XCS Datasheet HTML 206Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 202
 2010-2012 Microchip Technology Inc.
21.6.2
TIMER1 GATE SOURCE
SELECTION
Timer1 gate source selections are shown in Table 21-4.
Source selection is controlled by the T1GSS bits of the
T1GCON register. The polarity for each available source
is also selectable. Polarity selection is controlled by the
T1GPOL bit of the T1GCON register.
TABLE 21-4:
TIMER1 GATE SOURCES
21.6.2.1
T1G Pin Gate Operation
The T1G pin is one source for Timer1 gate control. It
can be used to supply an external source to the Timer1
gate circuitry.
21.6.2.2
Timer0 Overflow Gate Operation
When Timer0 increments from FFh to 00h, a
low-to-high pulse will automatically be generated and
internally supplied to the Timer1 gate circuitry.
21.6.2.3
Comparator C1 Gate Operation
The output resulting from a Comparator 1 operation can
be selected as a source for Timer1 gate control. The
Comparator
1
output
(sync_C1OUT)
can
be
synchronized to the Timer1 clock or left asynchronous.
For more information see Section 18.4.1 “Comparator
Output Synchronization”
.
21.6.2.4
Comparator C2 Gate Operation
The output resulting from a Comparator 2 operation
can be selected as a source for Timer1 gate control.
The Comparator 2 output (sync_C2OUT) can be
synchronized to the Timer1 clock or left asynchronous.
For more information see Section 18.4.1 “Comparator
Output Synchronization”.
21.6.3
TIMER1 GATE TOGGLE MODE
When Timer1 Gate Toggle mode is enabled, it is possi-
ble to measure the full-cycle length of a Timer1 gate
signal, as opposed to the duration of a single level
pulse.
The Timer1 gate source is routed through a flip-flop that
changes state on every incrementing edge of the sig-
nal. See Figure 21-4 for timing details.
Timer1 Gate Toggle mode is enabled by setting the
T1GTM bit of the T1GCON register. When the T1GTM
bit is cleared, the flip-flop is cleared and held clear. This
is necessary in order to control which edge is
measured.
21.6.4
TIMER1 GATE SINGLE-PULSE
MODE
When Timer1 Gate Single-Pulse mode is enabled, it is
possible to capture a single-pulse gate event. Timer1
Gate Single-Pulse mode is first enabled by setting the
T1GSPM bit in the T1GCON register. Next, the
T1GGO/DONE bit in the T1GCON register must be set.
The Timer1 will be fully enabled on the next incrementing
edge. On the next trailing edge of the pulse, the
T1GGO/DONE bit will automatically be cleared. No other
gate events will be allowed to increment Timer1 until the
T1GGO/DONE bit is once again set in software. See
Figure 21-5 for timing details.
If the Single-Pulse Gate mode is disabled by clearing the
T1GSPM bit in the T1GCON register, the T1GGO/DONE
bit should also be cleared.
Enabling the Toggle mode and the Single-Pulse mode
simultaneously will permit both sections to work
together. This allows the cycle times on the Timer1 gate
source to be measured. See Figure 21-6 for timing
details.
21.6.5
TIMER1 GATE VALUE STATUS
When Timer1 Gate Value Status is utilized, it is possible
to read the most current level of the gate control value.
The value is stored in the T1GVAL bit in the T1GCON
register. The T1GVAL bit is valid even when the Timer1
gate is not enabled (TMR1GE bit is cleared).
21.6.6
TIMER1 GATE EVENT INTERRUPT
When Timer1 Gate Event Interrupt is enabled, it is pos-
sible to generate an interrupt upon the completion of a
gate event. When the falling edge of T1GVAL occurs,
the TMR1GIF flag bit in the PIR1 register will be set. If
the TMR1GIE bit in the PIE1 register is set, then an
interrupt will be recognized.
The TMR1GIF flag bit operates even when the Timer1
gate is not enabled (TMR1GE bit is cleared).
T1GSS
Timer1 Gate Source
00
Timer1 Gate Pin
01
Overflow of Timer0
(TMR0 increments from FFh to 00h)
10
Comparator 1 Output sync_C1OUT
(optionally Timer1 synchronized output)
11
Comparator 2 Output sync_C2OUT
(optionally Timer1 synchronized output)
Note:
Enabling Toggle mode at the same time
as changing the gate polarity may result in
indeterminate operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com