Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79411 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP79411
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79411 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP79411 Datasheet HTML 24Page - Microchip Technology MCP79411 Datasheet HTML 25Page - Microchip Technology MCP79411 Datasheet HTML 26Page - Microchip Technology MCP79411 Datasheet HTML 27Page - Microchip Technology MCP79411 Datasheet HTML 28Page - Microchip Technology MCP79411 Datasheet HTML 29Page - Microchip Technology MCP79411 Datasheet HTML 30Page - Microchip Technology MCP79411 Datasheet HTML 31Page - Microchip Technology MCP79411 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
MCP79410/MCP79411/MCP79412
DS20002266E-page 28
 2010-2013 Microchip Technology Inc.
REGISTER 8-4:
DAY 0X03
U-0
U-0
R-0
R/W-0
R/W-0
R/W-1
—
—
OSCON
VBAT
VBATEN
Day
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
OSCON: Oscillator Status bit
Not Used in this section.
bit 4
VBAT: External Battery Switched Flag bit
Not Used in this section.
bit 3
VBATEN: External Battery Enable bit
1 = The internal battery switch over is connected to the VBAT pin
0 = VBAT pin is disconnected and the only current drain on the external battery is the VBAT pin
leakage
bit 2-0
DAY<2:0>: Not Used in this section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com