Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79411 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP79411
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79411 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP79411 Datasheet HTML 28Page - Microchip Technology MCP79411 Datasheet HTML 29Page - Microchip Technology MCP79411 Datasheet HTML 30Page - Microchip Technology MCP79411 Datasheet HTML 31Page - Microchip Technology MCP79411 Datasheet HTML 32Page - Microchip Technology MCP79411 Datasheet HTML 33Page - Microchip Technology MCP79411 Datasheet HTML 34Page - Microchip Technology MCP79411 Datasheet HTML 35Page - Microchip Technology MCP79411 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
MCP79410/MCP79411/MCP79412
DS20002266E-page 32
 2010-2013 Microchip Technology Inc.
8.6.2
POWER-UP TIME-STAMP
REGISTERS
Note:
It is strongly recommended that the time saver function only be used when the oscillator is running. This
will ensure accurate functionality.
REGISTER 8-9:
MINUTES 0X1C
U-0
R/W-0
R/W-0
—
10 Minutes
Minutes
bit 7
bit 6
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
10 MINUTES<2:0>: Binary-Coded Decimal Value of Minute’s Tens Digit
Contains a value from 0 to 5
bit 3-0
MINUTES<3:0>: Binary-Coded Decimal Value of Minute’s Ones Digit
Contains a value from 0 to 9
REGISTER 8-10:
HOURS 0X1D
U-0
R/W-0
R/W-0
—
12/24
10 Hour
AM/PM
10 Hour
Hour
bit 7
bit 6
bit 5
bit 4
bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
12/24: This is a copy of the status of the bit in register 0x03:6 at the time of the event
bit 5
10 HOUR AM/PM
bit 4
10 HOUR
bit 3-0
HOUR<3:0>: Binary-Coded Decimal Value of Hour’s Ones Digit
Contains a value from 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com