Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79411 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP79411
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79411 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP79411 Datasheet HTML 4Page - Microchip Technology MCP79411 Datasheet HTML 5Page - Microchip Technology MCP79411 Datasheet HTML 6Page - Microchip Technology MCP79411 Datasheet HTML 7Page - Microchip Technology MCP79411 Datasheet HTML 8Page - Microchip Technology MCP79411 Datasheet HTML 9Page - Microchip Technology MCP79411 Datasheet HTML 10Page - Microchip Technology MCP79411 Datasheet HTML 11Page - Microchip Technology MCP79411 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
MCP79410/MCP79411/MCP79412
DS20002266E-page 8
 2010-2013 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN DESCRIPTIONS
FIGURE 3-1:
DEVICE PINOUTS
3.1
Serial Data (SDA)
This is a bidirectional pin used to transfer addresses
and data into and out of the device. It is an open-drain
terminal, therefore, the SDA bus requires a pull-up
resistor to VCC (typically 10 k
 for 100 kHz, 2 k for
400 kHz). For normal data transfer, SDA is allowed to
change only during SCL low. Changes during SCL high
are reserved for indicating the Start and Stop
conditions.
3.2
Serial Clock (SCL)
This input is used to synchronize the data transfer from
and to the device.
3.3
X1, X2
External crystal pins for 32.768 kHz crystal and load
capacitors.
X1 = Oscillator input, also external oscillator input
X2 = Oscillator output
3.4
MFP (Multifunction Pin)
Open drain pin used for alarm and clock-out, addition-
ally the state of this pin may be changed using the OUT
bit. This pin is also controlled by the oscillator bit. See
Section 8.5 “Multifunction PIN (MFP)” for more
details. This pin may be left floating if not used.
3.5
VBAT
Input for backup supply to maintain RTCC and SRAM
during the time when VCC is below VTRIP. See
Section 8.6 “Battery Backed Operation” for more
details.
Pin
Name
Pin Function
Pin
Number
X1
Xtal Input, External Oscillator Input
1
X2
Xtal Output
2
VBAT
Battery Backup Input
3
Vss
Ground
4
SDA
Bidirectional Serial Data (I2C™)
5
SCL
Serial Clock (I2C)
6
MFP
Multifunction Pin
7
Vcc
Power Supply
8
Note:
Exposed pad on TFDN can be connected to
Vss or left floating.
X1
X2
VBAT
Vss
Vcc
MFP
SCL
SDA
1
2
3
4
8
7
6
5
SOIC/TDFN/MSOP/TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com