Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79411 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP79411
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79411 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP79411 Datasheet HTML 13Page - Microchip Technology MCP79411 Datasheet HTML 14Page - Microchip Technology MCP79411 Datasheet HTML 15Page - Microchip Technology MCP79411 Datasheet HTML 16Page - Microchip Technology MCP79411 Datasheet HTML 17Page - Microchip Technology MCP79411 Datasheet HTML 18Page - Microchip Technology MCP79411 Datasheet HTML 19Page - Microchip Technology MCP79411 Datasheet HTML 20Page - Microchip Technology MCP79411 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
 2010-2013 Microchip Technology Inc.
DS20002266E-page 17
MCP79410/MCP79411/MCP79412
7.0
ALARM REGISTERS
The MCP7941X family feature two independent
alarms. The registers associated with the alarms are
located at 0Ah-16h in the RTCC memory map.
The alarms feature independent interrupt flags and
interrupt polarity. The alarms interrupt is generated on
the MFP pin.
The alarm function on the MCP7941XX allows the user
to load a time into a series of registers that represent a
future time. When the current time reaches that set
time, the alarm is activated and an interrupt can be
generated. Using the alarm feature will allow the
system to offload the task to checking for a specific time
to the RTCC.
The alarms on the MCP7941X are not single-shot
trigger, that is, the alarm will retrigger immediately if the
current alarm still matches the set conditions. Clearing
the ALMxIF bit while the alarm match is still TRUE will
retrigger the alarm. The alarms offer programmable
match conditions:
For example, if the alarm is configured to match on the
minutes, when the match is TRUE the alarm will
retrigger until the match is FALSE. This would be
similar to trying to exit an interrupt on an MCU without
clearing the interrupt flag. It is suggested that the
Seconds, Minutes, Hour, Day, Date and Month match
condition.
Both Alarm0 and Alarm1 offer identical operation.
TABLE 7-1:
ALMxC<2:0>
Match Condition
Time Alarm match TRUE Duration
000
Seconds Only
1 Second
001
Minutes Only
1 Minute
010
Hours Only
1 Hour
011
Day Only
1 Day
100
Date Only
1 Day
101
Unimplemented
NA
110
Unimplemented
NA
111
Seconds, Minutes, Hour, Day, Date and Month
1 Second
Note:
The X variable used in this section is used
to designate Alarm 0 or Alarm 1.
REGISTER 7-1:
ALARM X SECONDS (0X0A/0X11)
U-0
R/W-0
R/W-0
—
10 Seconds
Seconds
bit 7
bit 6
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
10 SECONDS<2:0>: Binary-Coded Decimal Value of Second’s Tens Digit
Contains a value from 0 to 5
bit 3-0
SECONDS<3:0>: Binary-Coded Decimal Value of Second’s Ones Digit
Contains a value from 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com