Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79411 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP79411
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79411 Datasheet(HTML) 5 Page - Microchip Technology

  MCP79411 Datasheet HTML 1Page - Microchip Technology MCP79411 Datasheet HTML 2Page - Microchip Technology MCP79411 Datasheet HTML 3Page - Microchip Technology MCP79411 Datasheet HTML 4Page - Microchip Technology MCP79411 Datasheet HTML 5Page - Microchip Technology MCP79411 Datasheet HTML 6Page - Microchip Technology MCP79411 Datasheet HTML 7Page - Microchip Technology MCP79411 Datasheet HTML 8Page - Microchip Technology MCP79411 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
 2010-2013 Microchip Technology Inc.
DS20002266E-page 5
MCP79410/MCP79411/MCP79412
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.8V to 5.5V
TA = -40°C to +85°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
—
—
100
400
kHz
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
2THIGH
Clock high time
4000
600
—
—
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
3TLOW
Clock low time
4700
1300
—
—
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
4TR
SDA and SCL rise time
(Note 1)
—
—
1000
300
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
5TF
SDA and SCL fall time
(Note 1)
—
—
1000
300
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
6THD:STA Start condition hold time
4000
600
—
—
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
7TSU:STA
Start condition setup time
4700
600
—
—
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
8THD:DAT Data input hold time
0
—
ns
(Note 4)
9TSU:DAT Data input setup time
250
100
—
—
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
10
TSU:STO Stop condition setup time
4000
600
—
—
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
11
TAA
Output valid from clock
—
—
3500
900
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
12
TBUF
Bus free time: Time the bus
must be free before a new
transmission can start
4700
1300
—
—
ns
1.8V
 VCC < 2.5V
2.5V
 VCC  5.5V
13
TSP
Input filter spike suppression
(SDA and SCL pins)
—50
ns
(Note 1 and Note 2)
14
TWC
Write cycle time (byte or
page)
—5
ms
—
15
—
Endurance
1M
—
cycles 25°C, VCC = 5.5V Page mode
(Note 3)
16
TOSF
OSCON Time out
1
ms
(Note 5)
17
TFVCC
VCC Fall Time
300
sFrom VTRIP (max) to VTRIP (min)
(Note 1)
18
TRVCC
VCC Rise Time
0
sFrom VTRIP (min) to VTRIP (max)
(Note 1)
19
FXTAL
Crystal Frequency
32.768
kHz
Note 1: Not 100% tested.
2: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved
noise spike suppression.
3: This parameter is not tested but ensured by characterization.
4: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300ns) of the falling edge of the SCL to avoid unintended generation of Start or Stop conditions.
5:
Parameter is not tested, ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com