Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79411 Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP79411
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79411 Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP79411 Datasheet HTML 50Page - Microchip Technology MCP79411 Datasheet HTML 51Page - Microchip Technology MCP79411 Datasheet HTML 52Page - Microchip Technology MCP79411 Datasheet HTML 53Page - Microchip Technology MCP79411 Datasheet HTML 54Page - Microchip Technology MCP79411 Datasheet HTML 55Page - Microchip Technology MCP79411 Datasheet HTML 56Page - Microchip Technology MCP79411 Datasheet HTML 57Page - Microchip Technology MCP79411 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
MCP79410/MCP79411/MCP79412
DS20002266E-page 54
 2010-2013 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
Revision A (10/2010)
Original release of this document.
Revision B (03/2011)
Minor typographical edits;
Added Appendix B: Device Errata
Revision C (07/2011)
Updated Section 4.2.6, Crystal Specs; Revised Figure
4-4.
Revision D (12/2011)
Added DC/AC Char. Charts
Revision E (04/2013)
Revised Features page; Revised Schematic, Block
Diagram; Added detailed descriptions for Registers.
Minor updates to the overall content.
APPENDIX B: DEVICE ERRATA
Devices with silicon revision prior to A4 (date code prior
to 11/10) have an errata where the AM/PM bit (Bit 5 in
register 02h) may be flipped if the oscillator is stopped.
This is coincident with the OSCON bit getting cleared.
This can occur due to the following conditions:
• The oscillator is stopped on the application.
• The oscillator is stopped by clearing the ST bit (Bit
7 in register 00h).
• The external CMOS source is stopped in
EXTOSC mode.
The work-around is to determine when the OSCON bit
is cleared and check in software for AM/PM bit corrup-
tion.
Devices with silicon revision A4 or later (date code after
11/09) do not have this issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com