Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79411 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP79411
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79411 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP79411 Datasheet HTML 38Page - Microchip Technology MCP79411 Datasheet HTML 39Page - Microchip Technology MCP79411 Datasheet HTML 40Page - Microchip Technology MCP79411 Datasheet HTML 41Page - Microchip Technology MCP79411 Datasheet HTML 42Page - Microchip Technology MCP79411 Datasheet HTML 43Page - Microchip Technology MCP79411 Datasheet HTML 44Page - Microchip Technology MCP79411 Datasheet HTML 45Page - Microchip Technology MCP79411 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
MCP79410/MCP79411/MCP79412
DS20002266E-page 42
 2010-2013 Microchip Technology Inc.
11.0 PACKAGING INFORMATION
11.1
Package Marking Information
8-Lead SOIC (3.90 mm)
Example:
XXXXXT
XXYYWW
NNN
8-Lead TSSOP
Example:
79410I
SN
1303
13F
8-Lead MSOP
Example:
XXXX
TYWW
NNN
XXXXX
YWWNNN
7941
I303
13F
79401I
30313F
3
e
8-Lead 2x3 TDFN
XXX
YWW
NN
AC4
303
13
Example:
Part Number
1st Line Marking Codes
TSSOP
MSOP
TDFN
MCP79410
7941
79410T
AAP
MCP79411
9411
79411T
AAQ
MCP79412
9412
79412T
AAR
T = Temperature grade
NN = Alphanumeric traceability code
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com