Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79411 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP79411
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79411 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP79411 Datasheet HTML 15Page - Microchip Technology MCP79411 Datasheet HTML 16Page - Microchip Technology MCP79411 Datasheet HTML 17Page - Microchip Technology MCP79411 Datasheet HTML 18Page - Microchip Technology MCP79411 Datasheet HTML 19Page - Microchip Technology MCP79411 Datasheet HTML 20Page - Microchip Technology MCP79411 Datasheet HTML 21Page - Microchip Technology MCP79411 Datasheet HTML 22Page - Microchip Technology MCP79411 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
 2010-2013 Microchip Technology Inc.
DS20002266E-page 19
MCP79410/MCP79411/MCP79412
REGISTER 7-4:
ALARM X DAY (0X0D/0X14)
R/W-0
R/W-0
R/W-0
R/W-1
ALMxPOL
ALMxC2
ALMxC1
ALMxC0
ALMxIF
Day
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7
ALMxPOL: The Asserted Level of the Alarm (1 = High, 0 = Low)
bit 6-4
ALMxC<2:0>: Alarm X Configuration bits
Sets the condition on what the alarm will trigger. The following options are available:
- 000 – Seconds match
- 001 – Minutes match
- 010 – Hours match (logic takes into account 12/24 operation)
- 011 – Day match. Generates interrupt at 12:00:00 AM
- 100 – Date match
- 101 – Unimplemented, do not use
- 110 – Unimplemented, do not use
- 111 – Seconds, Minutes, Hour, Day, Date and Month
bit 3
ALMxIF: Alarm X Interrupt Flag bit
This bit is set by hardware when an alarm condition has been generated. The bit must be cleared in
software.
1 = Alarm has been triggered
0 = No alarm pending
bit 2-0
DAY<2:0>: Binary-Coded Decimal Value of Day
Contains a value from 1 to 7
REGISTER 7-5:
ALARM X DATE (0X0E/0X15)
U-0
U-0
R/W-0
R/W-1
—
—
10 Date
Date
bit 7
bit 6
bit 5
bit 4
bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
10 DATE<1:0>: Binary-Coded Decimal Value of Date’s Tens Digit
Contains a value from 0 to 3
bit 3-0
DATE<3:0>: Binary-Coded Decimal Value of Date’s Ones Digit
Contains a value from 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com