Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79411 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP79411
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79411 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP79411 Datasheet HTML 52Page - Microchip Technology MCP79411 Datasheet HTML 53Page - Microchip Technology MCP79411 Datasheet HTML 54Page - Microchip Technology MCP79411 Datasheet HTML 55Page - Microchip Technology MCP79411 Datasheet HTML 56Page - Microchip Technology MCP79411 Datasheet HTML 57Page - Microchip Technology MCP79411 Datasheet HTML 58Page - Microchip Technology MCP79411 Datasheet HTML 59Page - Microchip Technology MCP79411 Datasheet HTML 60Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
 2010-2013 Microchip Technology Inc.
DS20002266E-page 57
MCP7941X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP79410 =
1.8V - 5.5V I2C™ Serial RTCC
MCP79410T =
1.8V - 5.5V I2C Serial RTCC
(Tape and Reel)
MCP79411 =
1.8V - 5.5V I2C Serial RTCC, EUI-48TM
MCP79411T =
1.8V - 5.5V I2C Serial RTCC, EUI-48TM
(Tape and Reel)
MCP79412 =
1.8V - 5.5V I2C Serial RTCC, EUI-64TM
MCP79412T =
1.8V - 5.5V I2C Serial RTCC, EUI-64TM
(Tape and Reel)
Temperature
Range:
I
= -40°C to +85°C
Package:
SN
= 8-Lead Plastic Small Outline (3.90 mm body)
ST
= 8-Lead Plastic Thin Shrink Small Outline
(4.4 mm)
MS
= 8-Lead Plastic Micro Small Outline
MNY(1) = 8-Lead Plastic Dual Flat, No Lead
Examples:
a)
MCP79410-I/SN: Industrial Temperature,
SOIC package.
b)
MCP79410T-I/SN: Industrial Tempera-
ture, SOIC package, Tape and Reel.
c)
MCP79410T-I/MNY: Industrial Tempera-
ture, TDFN package, Tape and Reel.
d)
MCP79411-I/SN: Industrial Temperature,
SOIC package, EUI-48TM.
e)
MCP79411-I/MS: Industrial Temperature
MSOP package, EUI-48TM.
f)
MCP79412-I/SN: Industrial Temperature,
SOIC package, EUI-64TM.
g)
MCP79412-I/ST: Industrial Temperature,
TSSOP package, EUI-64TM.
h)
MCP79412T-I/ST: Industrial Temperature,
TSSOP package, Tape and Reel, EUI-64TM.
Note 1:
"Y" indicates a Nickel Palladium Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com