Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79411 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP79411
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79411 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP79411 Datasheet HTML 8Page - Microchip Technology MCP79411 Datasheet HTML 9Page - Microchip Technology MCP79411 Datasheet HTML 10Page - Microchip Technology MCP79411 Datasheet HTML 11Page - Microchip Technology MCP79411 Datasheet HTML 12Page - Microchip Technology MCP79411 Datasheet HTML 13Page - Microchip Technology MCP79411 Datasheet HTML 14Page - Microchip Technology MCP79411 Datasheet HTML 15Page - Microchip Technology MCP79411 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
MCP79410/MCP79411/MCP79412
DS20002266E-page 12
 2010-2013 Microchip Technology Inc.
5.0
TIME AND DATE REGISTERS
The MCP7941X Serial Real-Time Clock/Calendar uses
a low-power external 32.768 kHz crystal to maintain the
time and date in a system.
The Real-Time Clock using an external oscillator tracks
the time and date with separate registers for hours,
minutes, seconds. The MCP7941X also has separate
calendar registers for date, month, year and day of the
week. The calendar adjusts automatically for months
with less than 31 days and also calculates the leap year
until 2099.
The Time and Date registers store the current time and
date as BCD. Using an external backup supply, the
time can be maintained during a VCC power-fail.
REGISTER 5-1:
SECONDS 0X00
R/W-0
R/W-0
R/W-0
ST
10 Seconds
Seconds
bit 7
bit 6
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7
ST: Start Oscillator bit
1 = Oscillator enabled
0 = Oscillator disabled; The oscillator should be disabled before setting the Time registers.
bit 6-4
10 SECONDS <6:4>: Binary-Coded Decimal Value of Second’s Tens Digit
Contains a value from 0 to 5
bit 3-0
SECONDS<3:0>: Binary-Coded Decimal Value of Second’s Ones Digit
Contains a value from 0 to 9
REGISTER 5-2:
MINUTES 0X01
U-0
R/W-0
R/W-0
—
10 Minutes
Minutes
bit 7
bit 6
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
10 MINUTES<2:0>: Binary-Coded Decimal Value of Minute’s Tens Digit
Contains a value from 0 to 5
bit 3-0
MINUTES<3:0>: Binary-Coded Decimal Value of Minute’s Ones Digit
Contains a value from 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com