Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 48Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 49Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 50Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 51Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 52Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 53Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 54Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 55Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 132 page
background image
Memory mapping
STM32F302xx/STM32F303xx
52/132
DocID023353 Rev 6
Table 18. STM32F302xx/STM32F303xx memory map and peripheral register boundary
addresses
Bus
Boundary address
Size
(bytes)
Peripheral
AHB3
0x5000 0400 - 0x5000 07FF
1 K
ADC3 - ADC4
0x5000 0000 - 0x5000 03FF
1 K
ADC1 - ADC2
0x4800 1800 - 0x4FFF FFFF
~132 M
Reserved
AHB2
0x4800 1400 - 0x4800 17FF
1 K
GPIOF
0x4800 1000 - 0x4800 13FF
1 K
GPIOE
0x4800 0C00 - 0x4800 0FFF
1 K
GPIOD
0x4800 0800 - 0x4800 0BFF
1 K
GPIOC
0x4800 0400 - 0x4800 07FF
1 K
GPIOB
0x4800 0000 - 0x4800 03FF
1 K
GPIOA
0x4002 4400 - 0x47FF FFFF
~128 M
Reserved
AHB1
0x4002 4000 - 0x4002 43FF
1 K
TSC
0x4002 3400 - 0x4002 3FFF
3 K
Reserved
0x4002 3000 - 0x4002 33FF
1 K
CRC
0x4002 2400 - 0x4002 2FFF
3 K
Reserved
0x4002 2000 - 0x4002 23FF
1 K
Flash interface
0x4002 1400 - 0x4002 1FFF
3 K
Reserved
0x4002 1000 - 0x4002 13FF
1 K
RCC
0x4002 0800 - 0x4002 0FFF
2 K
Reserved
0x4002 0400 - 0x4002 07FF
1 K
DMA2
0x4002 0000 - 0x4002 03FF
1 K
DMA1
0x4001 8000 - 0x4001 FFFF
32 K
Reserved
APB2
0x4001 4C00 - 0x4001 7FFF
13 K
Reserved
0x4001 4800 - 0x4001 4BFF
1 K
TIM17
0x4001 4400 - 0x4001 47FF
1 K
TIM16
0x4001 4000 - 0x4001 43FF
1 K
TIM15
0x4001 3C00 - 0x4001 3FFF
1 K
Reserved
0x4001 3800 - 0x4001 3BFF
1 K
USART1
0x4001 3400 - 0x4001 37FF
1 K
TIM8
0x4001 3000 - 0x4001 33FF
1 K
SPI1
0x4001 2C00 - 0x4001 2FFF
1 K
TIM1
0x4001 0800 - 0x4001 2BFF
9 K
Reserved
0x4001 0400 - 0x4001 07FF
1 K
EXTI
0x4001 0000 - 0x4001 03FF
1 K
SYSCFG + COMP + OPAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com