Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 89Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 90Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 91Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 92Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 93Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 94Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 95Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 96Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 132 page
background image
DocID023353 Rev 6
93/132
STM32F302xx/STM32F303xx
Electrical characteristics
117
Figure 24. Recommended NRST pin protection
1. The reset network protects the device against parasitic resets.
2. The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 55. Otherwise the reset will not be taken into account by the device.
6.3.16
Timer characteristics
The parameters given in Table 56 are guaranteed by design.
Refer to Section 6.3.14: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
Table 56. TIMx(1)(2) characteristics
1. TIMx is used as a general term to refer to the TIM1, TIM2, TIM3, TIM4, TIM8, TIM15, TIM16 and TIM17
timers.
2. Guaranteed by design, not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
1-
tTIMxCLK
fTIMxCLK = 72 MHz
(except TIM1/8)
13.9
-
ns
fTIMxCLK = 144 MHz,
x= 1.8
6.95
-
ns
fEXT
Timer external clock
frequency on CH1 to CH4
0
fTIMxCLK/2
MHz
fTIMxCLK = 72 MHz
0
36
MHz
ResTIM
Timer resolution
TIMx (except TIM2)
-
16
bit
TIM2
-
32
tCOUNTER 16-bit counter clock period
1
65536
tTIMxCLK
fTIMxCLK = 72 MHz
(except TIM1/8)
0.0139
910
µs
fTIMxCLK = 144 MHz,
x= 1.8
0.0069
455
µs
tMAX_COUNT
Maximum possible count
with 32-bit counter
-
65536 × 65536 tTIMxCLK
fTIMxCLK = 72 MHz
-
59.65
s
fTIMxCLK = 144 MHz,
x= 1.8
-
29.825
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com