Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 62Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 63Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 64Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 65Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 66Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 67Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 68Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 69Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 132 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
66/132
DocID023353 Rev 6
Figure 13. Typical VBAT current consumption (LSE and RTC ON/LSEDRV[1:0] = ’00’)
Table 32. Typical and maximum current consumption from VBAT supply
Symbol
Para
meter
Conditions
(1)
Typ @VBAT
Max
@VBAT = 3.6 V(2)
Unit
1.65V
1.8V
2V
2.4V 2.7V
3V
3.3V 3.6V
TA =
25°C
TA =
85°C
TA =
105°C
IDD_VBAT
Backup
domain
supply
current
LSE & RTC
ON; "Xtal
mode"
lower
driving
capability;
LSEDRV[1:
0] = '00'
0.48
0.50 0.52 0.58
0.65 0.72 0.80 0.90
1.1
1.5
2.0
µA
LSE & RTC
ON; "Xtal
mode"
higher
driving
capability;
LSEDRV[1:
0] = '11'
0.83
0.86 0.90 0.98
1.03 1.10 1.20 1.30
1.5
2.2
2.9
1. Crystal used: Abracon ABS07-120-32.768 kHz-T with a CL of 6 pF for typical values.
2. Data based on characterization results, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com