Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 17Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 18Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 19Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 20Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 21Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 22Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 23Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 24Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 132 page
background image
DocID023353 Rev 6
21/132
STM32F302xx/STM32F303xx
Functional overview
53
3.12.3
VBAT battery voltage monitoring
This embedded hardware feature allows the application to measure the VBAT battery voltage
using the internal ADC channel ADC_IN17. As the VBAT voltage may be higher than VDDA,
and thus outside the ADC input range, the VBAT pin is internally connected to a bridge
divider by 2. As a consequence, the converted digital value is half the VBAT voltage.
3.12.4
OPAMP reference voltage (VOPAMP)
Every OPAMP reference voltage can be measured using a corresponding ADC internal
channel: VOPAMP1 connected to ADC1 channel 15, VOPAMP2 connected to ADC2
channel 17, VOPAMP3 connected to ADC3 channel 17, VOPAMP4 connected to ADC4
channel 17.
3.13
Digital-to-analog converter (DAC)
Up to two 12-bit buffered DAC channels can be used to convert digital signals into analog
voltage signal outputs. The chosen design structure is composed of integrated resistor
strings and an amplifier in inverting configuration.
This digital interface supports the following features:
Up to two DAC output channels on STM32F303xB/STM32F303xC devices
8-bit or 10-bit monotonic output
Left or right data alignment in 12-bit mode
Synchronized update capability on STM32F303xB/STM32F303xC devices
Noise-wave generation
Triangular-wave generation
Dual DAC channel independent or simultaneous conversions on
STM32F303xB/STM32F303xC devices
DMA capability (for each channel on STM32F303xB/STM32F303xC devices)
External triggers for conversion
Input voltage reference VREF+
3.14
Operational amplifier (OPAMP)
The STM32F302xx/STM32F303xx embeds up to four operational amplifiers with external or
internal follower routing and PGA capability (or even amplifier and filter capability with
external components). When an operational amplifier is selected, an external ADC channel
is used to enable output measurement.
The operational amplifier features:
8.2 MHz bandwidth
0.5 mA output capability
Rail-to-rail input/output
In PGA mode, the gain can be programmed to be 2, 4, 8 or 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com