Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 67Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 68Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 69Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 70Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 71Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 72Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 73Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 74Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 132 page
background image
DocID023353 Rev 6
71/132
STM32F302xx/STM32F303xx
Electrical characteristics
117
On-chip peripheral current consumption
The MCU is placed under the following conditions:
•
all I/O pins are in analog input configuration
•
all peripherals are disabled unless otherwise mentioned
•
the given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
•
ambient operating temperature at 25°C and VDD = VDDA = 3.3 V.
Table 36. Peripheral current consumption
Peripheral
Typical consumption(1)
Unit
IDD
BusMatrix (2)
5.6
µA/MHz
DMA1
15.3
DMA2
12.5
CRC
2.1
GPIOA
10.0
GPIOB
10.3
GPIOC
2.2
GPIOD
8.8
GPIOE
3.3
GPIOF
3.0
TSC
5.5
ADC1&2
17.3
ADC3&4
18.8
APB2-Bridge (3)
3.6
SYSCFG
7.3
TIM1
40.0
SPI1
8.8
TIM8
36.4
USART1
23.3
TIM15
17.1
TIM16
10.1
TIM17
11.0
APB1-Bridge (3)
6.1
TIM2
49.1
TIM3
38.8
TIM4
38.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com