Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 38Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 39Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 40Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 41Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 42Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 43Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 44Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 45Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 132 page
background image
Pinouts and pin description
STM32F302xx/STM32F303xx
42/132
DocID023353 Rev 6
92
58
42
PB6
I/O
FTf
I2C1_SCL, USART1_TX,
TIM16_CH1N, TIM4_CH1,
TIM8_CH1(4), TSC_G5_IO3,
TIM8_ETR(4), TIM8_BKIN2(4),
EVENTOUT
93
59
43
PB7
I/O
FTf
I2C1_SDA, USART1_RX,
TIM3_CH4, TIM4_CH2,
TIM17_CH1N, TIM8_BKIN(4),
TSC_G5_IO4, EVENTOUT
94
60
44
BOOT0
I
B
Boot memory selection
95
61
45
PB8
I/O
FTf
I2C1_SCL, CAN_RX,
TIM16_CH1, TIM4_CH3,
TIM8_CH2(4), TIM1_BKIN,
TSC_SYNC, COMP1_OUT,
EVENTOUT
96
62
46
PB9
I/O
FTf
I2C1_SDA, CAN_TX,
TIM17_CH1, TIM4_CH4,
TIM8_CH3(4), IR_OUT,
COMP2_OUT, EVENTOUT
97
PE0
I/O
FT
(1)
USART1_TX, TIM4_ETR,
TIM16_CH1, EVENTOUT
98
PE1
I/O
FT
(1)
USART1_RX, TIM17_CH1,
EVENTOUT
99
63
47
VSS_1
S
Ground
100
64
48
VDD_1
S
Digital power supply
1. Function availability depends on the chosen device.
When using the small packages (48 and 64 pin packages), the GPIO pins which are not present on these packages, must
not be configured in analog mode.
2. PC13, PC14 and PC15 are supplied through the power switch. Since the switch sinks only a limited amount of current
(3 mA), the use of GPIO PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED).
After the first backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the Backup registers which is not reset by the main reset. For details on how to manage these GPIOs, refer to
the Battery backup domain and BKP register description sections in the reference manual.
3. The VREF+ functionality is available only on the 100 pin package. On the 64-pin and 48-pin packages, the VREF+ is
internally connected to VDDA.
4. On STM32F303xx devices only.
Table 11. STM32F302xx/STM32F303xx pin definitions (continued)
Pin number
Pin name
(function
after
reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com