Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 53Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 54Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 55Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 56Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 57Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 58Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 59Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 60Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 132 page
background image
DocID023353 Rev 6
57/132
STM32F302xx/STM32F303xx
Electrical characteristics
117
6.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in Table 19: Voltage characteristics,
Table 20: Current characteristics, and Table 21: Thermal characteristics may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Table 19. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDD–VSS
External main supply voltage (including VDDA, VBAT
and VDD)
-0.3
4.0
V
VDD–VDDA
Allowed voltage difference for VDD > VDDA
-0.4
VREF+–VDDA(2) Allowed voltage difference for VREF+ > VDDA
-0.4
VIN(3)
Input voltage on FT and FTf pins
VSS − 0.3
VDD + 4.0
Input voltage on TTa pins
VSS − 0.3
4.0
Input voltage on any other pin
VSS − 0.3
4.0
|
ΔVDDx|
Variations between different VDD power pins
-
50
mV
|VSSX − VSS|
Variations between all the different ground pins
-
50
VESD(HBM)
Electrostatic discharge voltage (human body
model)
see Section 6.3.12: Electrical
sensitivity characteristics
1. All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power supply, in the
permitted range. The following relationship must be respected between VDDA and VDD:
VDDA must power on before or at the same time as VDD in the power up sequence.
VDDA must be greater than or equal to VDD.
2. VREF+ must be always lower or equal than VDDA (VREF+ ≤ VDDA). If unused then it must be connected to VDDA.
3. VIN maximum must always be respected. Refer to Table 20: Current characteristics for the maximum allowed injected
current values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com