Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303VCT6 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 93Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 94Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 95Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 96Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 97Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 98Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 99Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 100Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 132 page
background image
DocID023353 Rev 6
97/132
STM32F302xx/STM32F303xx
Electrical characteristics
117
SPI/I2S characteristics
Unless otherwise specified, the parameters given in Table 61 for SPI or in Table 62 for I2S
are derived from tests performed under ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 22.
Refer to Section 6.3.14: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI and WS, CK, SD for I2S).
Table 61. SPI characteristics(1)
1. Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
-
18
MHz
Slave mode
-
18
tr(SCK)
tf(SCK)
SPI clock rise and fall
time
Capacitive load: C = 30 pF
-
8
ns
DuCy(SCK)
SPI slave input clock
duty cycle
Slave mode
30
70
%
tsu(NSS)
NSS setup time
Slave mode
2Tpclk
-
ns
th(NSS)
NSS hold time
Slave mode
4Tpclk
-
tw(SCKH)
tw(SCKL)
SCK high and low time
Master mode, fPCLK = 36 MHz,
presc = 4
Tpclk/2
- 3
Tpclk/2
+ 3
tsu(MI)
tsu(SI)
Data input setup time
Master mode
5.5
-
Slave mode
6.5
-
th(MI)
Data input hold time
Master mode
5
-
th(SI)
Slave mode
5
-
ta(SO)(2)
2. Min time is for the minimum time to drive the output and the max time is for the maximum time to validate
the data.
Data output access time Slave mode, fPCLK = 24 MHz
0
4Tpclk
tdis(SO)(3)
3. Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put
the data in Hi-Z.
Data output disable time Slave mode
0
24
tv(SO)
Data output valid time
Slave mode (after enable edge)
-
39
tv(MO)
Data output valid time
Master mode (after enable edge)
-
3
th(SO)
Data output hold time
Slave mode (after enable edge)
15
-
th(MO)
Master mode (after enable edge)
4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com